Electronic Components Datasheet Search
  English  ▼

X  

100_POE4 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 100_POE4
Description  Industrial Mid-Span PoE Injector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

100_POE4 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  100_POE4 Datasheet HTML 1Page - Red Lion Controls. Inc 100_POE4 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ENVIRONMENTAL
Operating Temperature: -40oC to 85oC
Storage Temperature: -40oC to 85oC
Operating Humidity: 10% to 95%(Non Condensing)
Operating Altitude: 0 to 10,000 ft.
MECHANICAL
Case Dimensions
Height: 3.5” (8.9 cm)
Width: 1.5” (3.8 cm)
Depth: 3.6 (9.0 cm)
Weight: 0.70 lbs. (0.32 kg)
Mount: DIN Rail 35mm
All specifications are subject to change. Consult the company website for more information.
ORDERING GUIDE
PART NUMBER
DESCRIPTION
100-POE4
Four Pair 10/100BaseTX Ports; 4 RJ45 in and Four RJ45 with POE out
100-MDR-2
Metal Din Rail Option*
NTPS-48-2
DIN-Rail Power Supply 48V@2 Amp
*MDR option must be specified with switch order - not field upgradable
ADLD0328 080513 ©2013 Red Lion Controls
Industrial Mid-Span PoE Injector Specifications
SWITCH PROPERTIES
Operation: Unmanaged
IEEE Compliant: 802.3af
Up to 0.8 Gb/s Maximum Throughput
Full Wire Speed Communications
Supports 15.4 Watts per port (13 Watts at the PD)
Power Fault Status LED
LED PoE Status Indication
MTBF: >2m hours
POWER INPUT
Input Voltage: 46-49 VDC
Steady Input Current Under Full Load: 1.6 A@48V
Steady Input Current Under No Load: 30mA@48V
BTU/hr: 262.1@48VDC and under full load
Inrush: 27Amp/1.5ms@48V
CONNECTORS
10/100BaseTX: Eight (8) RJ45 copper ports
Four 10/100BaseTX RJ-45 Ports (Data In)
Four 10/100BaseTX RJ-45 PoE Ports (Data & Power Out)
NETWORK MEDIA
10BaseT: >Cat3 cable
100BaseTX: >Cat5 cable
RECOMMENDED WIRING CLEARANCE
Front: 2” (5.08 cm)
Top: 1” (2.54 cm)
CERTIFICATION & COMPLIANCE
Product Safety: UL/cUL: Class I, Division 2, Groups A, B, C and D;
T4 UL 508, ICE and ANSI/ISA-12.12.01-2007
Emissions: EN 55011, ICES-003, FCC/CE (CFR 47, Part 15,
Subpart B, Class A)
Immunity: EN 61000-6-2/4, IEC 61000-4-2/3/4/5/6
Other: ABS type approval for shipboard applications
DNV Type Approval Certification
RoHS Compliant
IEEE 1613 for Electric Utility Substations
NEMA TS1/TS2 for Traffic Control
American Bureau of Shipping (ABS) Type Approval
EN50155 for Railway applications
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com