Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79101DBVT
Description  ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79101DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments TPS79101DBVT Datasheet HTML 10Page - Texas Instruments TPS79101DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TPS79101, TPS79118
TPS79133,TPS79147
SLVS325C − MARCH 2001 − REVISED MAY 2002
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
100
1 k
10 k
100 k
IO = 1 mA
VI = 4.3 V
Co = 10 µF
C(byp) = 0.1 µF
IO = 100 mA
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 11
100
1 k
10 k
100 k
IO = 0.1 µF
VI = 4.3 V
IO = 100 mA
Co = 10 µF
IO = 0.01 µF
f − Frequency − Hz
TPS79133
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IO = 0.001 µF
IO = 0.0047 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Figure 12
ROOT MEAN SQUARED OUTPUT NOISE
vs
BYPASS CAPACITANCE
C(bypass) − Bypass Capacitance − µF
VO = 3.3 V
VO = 1.8 V
0
10
20
30
40
50
60
70
0.001
0.01
0.1
BW = 100 Hz to 100
kHz
Figure 13
VI = 4.3 V
Co = 10 µF
TJ = 25°C
100
10 M
10
1 k
f − Frequency − Hz
10 k
TPS79133
OUTPUT IMPEDANCE
vs
FREQUENCY
100 k
IO = 100 mA
IO = 1 mA
0
0.5
1
1.5
2
2.5
3
1 M
Figure 14
0
10
20
30
40
50
60
70
80
−40 −25 −10 5
20 35 50 65 80 95 110 125
IO = 100 mA
IO = 10 mA
TJ − Junction Temperature − °C
TPS79133
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
VI = 3.2 V,
Co = 10 µF
Figure 15
0
10
20
30
40
50
60
70
80
90
100
0
0.02
0.04
0.06
0.08
0.1
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO − Output Current − A
TPS792133
DROPOUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.2 V
CO = 10 µF
Figure 16
0
20
40
60
80
100
120
2.5
3
3.5
4
4.5
5
TJ = 125°C
TJ = 25°C
TJ = −40°C
IO = 100 mA
VI − Input Voltage − V
TPS79101
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
Figure 17
2.2
2.7
3.2
3.7
4.2
4.7
1.5
2
2.5
3
3.5
4
4.5
5
TJ = 125°C
TJ = −40°C
TJ = 25°C
VI = 3.2 V
Co = 10 µF
VO − Output Voltage − V
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
5.2
Figure 18
0
10
20
30
40
50
60
70
80
90
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
TPS79118
RIPPLE REJECTION
vs
FREQUENCY
VI = 2.8 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 100 mA
IO = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com