Electronic Components Datasheet Search
  English  ▼

X  

TC75W56FU Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TC75W56FU
Description  General-Purpose Linear ICs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75W56FU Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TC75W56FU Datasheet HTML 17Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 18Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 19Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 20Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 21Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 22Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 23Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 24Page - List of Unclassifed Manufacturers TC75W56FU Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
137
Polarity
Part Number
Use/Function
Output
Voltage
(typ.) (V)
Output
Current
(max) (mA)
Input Voltage
(max) (V)
Drop-out
Voltage
(typ.) (V)
Bias
Current
(typ.) (mA)
Output
Voltage
Tolerance
(%)
Power
Dissipation
(W)
Package
Equivalent
TA78M05S
5
TA78M06S
6
4.5
TA78M08S
8
TA78M09S
9
4.6
TA78M10S
10
4.7
TA78M12S
12
TA78M15S
15
35
TA78M18S
18
4.8
TA78M20S
20
4.9
TA78M24S
Medium-current output
Isolation package
24
500
40
1.7
(IO = 350 mA)
5.0
±4
(Tj = 25°C)
2.0
(Ta = 25°C)
20
(Tc = 25°C)
TO-220(NIS)
78MXX
TA78M05SB
5
TA78M06SB
6
4.5
TA78M08SB
8
TA78M09SB
9
4.6
TA78M10SB
10
4.7
TA78M12SB
12
TA78M15SB
15
35
TA78M18SB
18
4.8
TA78M20SB
20
4.9
TA78M24SB
Medium-current output
Radial tape packing for automatic
mounting
24
500
40
1.7
(IO = 350 mA)
5.0
±4
(Tj = 25°C)
1.8
(Ta = 25°C)
TPL
78MXX
TA78L005AP
5
TA78L006AP
6
TA78L007AP
7
TA78L075AP
7.5
TA78L008AP
8
3.1
TA78L009AP
9
TA78L010AP
10
TA78L012AP
12
TA78L132AP
13.2
3.2
TA78L015AP
15
35
TA78L018AP
18
TA78L020AP
20
3.3
TA78L024AP
Low-current output
Radial tape packing for automatic
mounting
24
150
40
1.7
(IO = 150 mA)
3.5
±4
(Tj = 25°C)
0.8
(Ta = 25°C)
TO-92MOD
78LXX
TA78L05F
5
TA78L06F
6
TA78L07F
7
TA78L08F
8
3.1
TA78L09F
9
TA78L10F
10
TA78L12F
12
3.2
TA78L15F
15
35
TA78L18F
18
TA78L20F
20
3.3
TA78L24F
Low-current output
Surface-mount
PW-MINI (SOT-89) package
24
150
40
1.7
(IO = 150 mA)
3.5
±5
(Tj = 25°C)
0.5
(Ta = 25°C)
PW-MINI
(SOT-89)
78LXX
TA78L05PF
5
TA78L06PF
6
TA78L07PF
7
TA78L08PF
8
3.1
TA78L09PF
9
TA78L10PF
10
TA78L12PF
12
TA78L15PF
Low-current output
Small thin surface-mount PS-8 package
15
150
35
2.0
(IO = 150 mA)
3.2
±4
(Tj = 25°C)
1.3
(Ta = 25°C)
Mounted on
glass-epoxy
substrate
PS-8
78LXX
TA78L05S
5
TA78L07S
7
TA78L08S
8
3.1
TA78L09S
9
TA78L10S
10
TA78L12S
12
3.2
TA78L15S
Low-current output
Radial tape packing for automatic
mounting
15
100
35
1.7
(IO = 100 mA)
3.3
±4
(Tj = 25°C)
0.6
(Ta = 25°C)
TO-92
78LXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com