Electronic Components Datasheet Search
  English  ▼

X  

KIC6981F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC6981F
Description  SEMICONDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC6981F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2013. 1. 17
2/8
KIC6981F/MF
Revision No : 1
Functional Block Diagram
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
IN
2, 3
Voltage input pin
EN
4
Enable input, active high
FLG
5
Over-current and over-temperature fault report
OUT
6, 7
Voltage output pin
NC
8
No internal connection ; recommend tie to OUT pins
VIN
VOUT
FLG
EN
GND
UVLO
Reverse Blocking
Driver
Thermal
Protection
Short Circuit
Protection
Current Sense
Current Limit
Discharge
Control
Deglitch
Typical Application Circuit
GND
OUT
IN
FLG
EN
10k
ON
OFF
Power Supply
2.7V to 5.5V
10㎌
+
+
0.1㎌
0.1㎌
Load
120㎌



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com