Electronic Components Datasheet Search
  English  ▼

X  

KID65504P/F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KID65504P/F
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65504P/F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KID65504P/F Datasheet HTML 1Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 2Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 3Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 4Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 5Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 6Page - KEC(Korea Electronics) KID65504P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2015. 6. 23
4/7
KID65501P/F~KID65507P/F
Revision No : 2
RECOMMENDED OPERATING CONDITIONS (Ta=-40
~85℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
* : on glass epoxy PCB (30
×30×1.6mm Cu50%)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Leak Current
ICEX
1
VCE=25V, VIN=0
-
-
10
μA
Collector-Emitter Saturation Voltage
VCE(sat)
2
IIN=1mA, IC=10mA
-
-
0.2
V
IIN=3mA, IC=150mA*
-
-
0.8
DC Forward Current Transfer Ratio
hFE
2
VCE=10V,
IC=10mA
**
70
-
-
***
50
-
-
Input Voltage (Output ON)
VIN(ON)
3
IIN=1mA,
IC=10mA
KID65502P/F
13
17
23
V
KID65503P/F
2.4
3.4
4.2
KID65504P/F
7.5
11.5
15
Turn-ON Delay
tON
4
VOUT=35V, RL=175Ω
CL=15pF
-
50
-
ns
Turn-OFF Delay
tOFF
-
200
-
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Voltage
VCEO
0
-
35
V
Collector-Base Voltage
VCBO
0
-
50
V
Collector Current
IC
0
-
150
mA
Input Voltage
KID65506P/F
VIN
0
-
35
V
KID65502P/F
KID65503P/F
KID65504P/F
0
-
25
Input Current
KID65501P/F
KID65505P/F
KID65507P/F
IIN
0
-
10
mA
Power Dissipation
KID65501P
~
KID65507P
PD
-
-
0.36
W
KID65501F
~
KID65507F
On PCB *
-
-
0.325
*
EXCEPT KID65502P/F
** KID65501P/F, KID65505P/F, KID65506P/F, KID65507P/F
*** KID65502P/F, KID65503P/F, KID65504P/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com