Electronic Components Datasheet Search
  English  ▼

X  

KRC421V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRC421V
Description  SEMICONDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC421V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRC421V Datasheet HTML 1Page - KEC(Korea Electronics) KRC421V Datasheet HTML 2Page - KEC(Korea Electronics) KRC421V Datasheet HTML 3Page - KEC(Korea Electronics) KRC421V Datasheet HTML 4Page - KEC(Korea Electronics) KRC421V Datasheet HTML 5Page - KEC(Korea Electronics) KRC421V Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008. 11. 20
2/6
KRC416V~KRC422V
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC416V~422V
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC416V
GI
VO=5V, IO=5mA
33
-
-
KRC417V
VO=5V, IO=20mA
20
-
-
KRC418V
VO=5V, IO=10mA
33
-
-
KRC419V
VO=5V, IO=10mA
30
-
-
KRC420V
VO=5V, IO=10mA
24
-
-
KRC421V
VO=5V, IO=5mA
33
-
-
KRC422V
VO=5V, IO=5mA
62
-
-
Output Voltage
KRC416V
VO(ON)
IO=10mA, II=0.5mA
-
-
0.3
V
KRC417V
IO=10mA, II=0.5mA
-
0.1
0.3
KRC418V
IO=10mA, II=0.5mA
-
-
0.3
KRC419V
IO=10mA, II=0.5mA
-
0.1
0.3
KRC420V
IO=10mA, II=0.5mA
-
0.1
0.3
KRC421V
IO=10mA, II=0.5mA
-
0.1
0.3
KRC422V
IO=5mA, II=0.25mA
-
0.1
0.3
Input Voltage (ON)
KRC416V
VI(ON)
VO=0.3V, IO=20mA
-
0.98
3
V
KRC417V
VO=0.3V, IO=20mA
-
1.83
3
KRC418V
VO=0.3V, IO=20mA
-
1.22
3
KRC419V
VO=0.3V, IO=20mA
-
1.76
2.5
KRC420V
VO=0.3V, IO=2mA
-2
3
KRC421V
VO=0.3V, IO=2mA
-
3.9
5
KRC422V
VO=0.3V, IO=1mA
-
1.64
3
Input Voltage (OFF)
KRC416V
VI(OFF)
VCC=5V, IO=100μ
A
0.3
0.63
-
V
KRC417V
0.5
1.15
-
KRC418V
0.3
0.67
-
KRC419V
0.3
0.82
-
KRC420V
0.8
1.68
-
KRC421V
1
3.09
-
KRC422V
0.5
1.17
-
Transition Frequency
KRC416V~422V
fT*VO=10V, IO=5mA
-
250
-
MHz
Input Current
KRC416V
II
VI=5V
-
-
7.2
mA
KRC417V
-
-
3.8
KRC418V
-
-
3.8
KRC419V
-
-
1.8
KRC420V
-
-
0.88
KRC421V
-
-
0.16
KRC422V
-
-
0.15
Note : * Characteristic of Transistor Only.
Input Resistor
KRC416V
R1
-
0.7
1
1.3
k
Ω
KRC417V
1.54
2.2
2.86
KRC418V
1.54
2.2
2.86
KRC419V
3.29
4.7
6.11
KRC420V
7
10
13
KRC421V
32.9
47
61.1
KRC422V
70
100
130
Resistor Ratio
KRC416V
R2/R1
-
810
12
KRC417V
0.8
1.0
1.2
KRC418V
3.6
4.5
5.5
KRC419V
1.7
2.1
2.6
KRC420V
0.37
0.47
0.57
KRC421V
0.17
0.21
0.26
KRC422V
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com