Electronic Components Datasheet Search
  English  ▼

X  

MA01 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MA01
Description  DC/DC CONVERTER 1W, SIP-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MA01 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MA01_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MA01_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MA01 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6
Page 2 of 4
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.05
±1.2
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise
0-20MHz Bandwidth
---
30
60
mV P-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max., Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1000
---
---
VDC
1 Second
1200
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
40
60
120
pF
Switching Frequency
50
100
120
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See
Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+95
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve
Output Voltage Tolerance
~
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
Natural
Convection
20LFM
C
400LFM
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
Specifications are subject to change without notice.
0%
20%
40%
60%
80%
100%
Output Load Current (%)
Max.
Typ.
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
+5%
+10%
+15%
Vnom
-5%
-10%
+20%
Min.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com