Electronic Components Datasheet Search
  English  ▼

X  

MAU103 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MAU103
Description  DC/DC CONVERTER 1W, SIP-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU103 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MAU103 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU103 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU103 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU103 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAU100 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6
Page 3 of 4
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
Natural
Convection
20LFM
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
Natural
Convection
20LFM
C
(3.3V, 5V & ±5V}
(all other output)
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout
T: 6.1mm(0.24 inch) for 5V&12V Input Models
T: 7.1mm(0.28 inch) for 15V&24V Input Models
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Physical Characteristics
Case Size (5V&12V Input)
:
19.5x6.1x10.2mm (0.77x0.24x0.40 inches)
Case Size (15V&24V Input)
:
19.5x7.1x10.2mm (0.77x0.28x0.40 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Alloy 42
Weight (5V&12V Input)
:
2.2g
Weight (15V&24V Input)
:
2.6g
19.5 [0.77]
0.50
[0.02]
Bottom View
18.5 [0.73]
0.5
[0.02]
2.54
[0.10]
2X2.54
[2X0.10]
5.08
[0.20]
1
2
4
5
6
2.4
[0.09]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com