Electronic Components Datasheet Search
  English  ▼

X  

MBU103 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MBU103
Description  DC/DC CONVERTER 1W, SIP-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU103 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MBU103 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU103 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU103 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU103 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MBU100 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6 Page 1 of 4
FEATURES
►Industrial Standard SIP-4 Package
►I/O Isolation 1000 VDC
►Operating Ambient Temp. Range -40
℃ to +85℃
PRODUCT OVERVIEW
The MINMAX MBU100 series is a range of 1W DC/DC converters in a miniature SIP Package featuring I/O-isolation of 1000VDC.
A high efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many space critical applications where a voltage has to be isolated i.e for noise reduction, ground loop
elimination, digital interfaces or for board level power distribution.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Load
Regulation
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
μF
%
MBU135
3.3
(2.97 ~ 3.63)
3.3
260
6
351
35
14
33
74
MBU131
5
200
4
394
14
77
MBU105
5
(4.5 ~ 5.5)
3.3
260
6
238
30
11
33
72
MBU101
5
200
4
290
11
69
MBU102
9
110
2
260
8
76
MBU103
12
84
1.5
262
7
77
MBU104
15
67
1
258
6
78
MBU111
12
(10.8 ~ 13.2)
5
200
4
117
13
9
33
71
MBU112
9
110
2
107
5
77
MBU113
12
84
1.5
106
5
79
MBU114
15
67
1
105
4
80
MBU121
24
(21.6 ~ 26.4)
5
200
4
60
7
8
33
70
MBU122
9
110
2
54
5
76
MBU123
12
84
1.5
53
4
79
MBU124
15
67
1
53
4
79
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
3.3V Input Models
2.97
3.3
3.63
VDC
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Surge Voltage (1 sec. max.)
3.3V Input Models
-0.7
---
6
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
24V Input Models
-0.7
---
30
Reverse Polarity Input Current
All Models
---
---
0.3
A
Input Filter
Internal Capacitor


Similar Part No. - MBU103

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MBU103 TOTAL-POWER-MBU103 Datasheet
138Kb / 4P
MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
Minmax Technology Co., ...
MBU103 MINMAX-MBU103 Datasheet
227Kb / 6P
1W, Ultra Miniature SIP, Single Output DC/DC Converter
MBU103 MINMAX-MBU103 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MBU103 TOTAL-POWER-MBU103 Datasheet
479Kb / 4P
Miniature SIP-Package with Industry Standard Pinout
More results

Similar Description - MBU103

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PE01S DELTA-PE01S Datasheet
210Kb / 5P
1W DC/DC CONVERTER, SIP-Package, High Efficiency
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com