Electronic Components Datasheet Search
  English  ▼

X  

MBU122 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MBU122
Description  DC/DC CONVERTER 1W, SIP-Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU122 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MBU122 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU122 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU122 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU122 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBU100 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6 Page 3 of 4
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
T: 6.1mm(0.24 inch) for 3.3V&5V&12V Input Models
T: 7.1mm(0.28 inch) for 24V Input Models
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05(±0.002)
Physical Characteristics
Case Size(3.3V, 5V, 12V Input)
:
11.5x6.1x10.2mm (0.45x0.24x0.40 inches)
Case Size(24V Input)
:
11.5x7.1x10.2mm (0.45x0.28x0.40 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Alloy 42
Weight(3.3V, 5V, 12V Input)
:
1.3g
Weight(24V Input)
:
1.7g
3X2.54
[3X0.10]
10.5 [0.41]
0.5
[0.02]
0.50
[0.02]
Bottom View
11.5 [0.45]
12
3
4
1.9
[0.07]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com