Electronic Components Datasheet Search
  English  ▼

X  

MSCW01 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSCW01
Description  DC/DC CONVERTER 1W, SMD Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCW01 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSCW01_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCW01_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCW01_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCW01_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCW01_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSCW01 SERIES
DC/DC CONVERTER 1W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/07/18 REV:4
Page 2 of 5
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
15
VDC
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
5V Input Models
---
---
4.5
12V Input Models
---
---
9
24V Input Models
---
---
18
48V Input Models
---
---
36
Input Filter
All Models
Internal Capacitor
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Open or high impedance
Converter Off
2~4mA current applied via 1Kohm resistor
Standby Input Current
Supply Off & Nominal Vin
---
2.5
---
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±1.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.2
%
Load Regulation
Min. Load to Full Load
Single Output
---
---
±1.0
%
Dual Output
---
---
±1.0
%
Io=10% to 90%
Single Output
---
---
±0.5
%
Dual Output
---
---
±0.8
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
---
---
75
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
---
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
---
±0.02
%/℃
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
---
50
pF
Switching Frequency
---
220
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,800,000
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See
Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+95
℃
Storage Temperature
-55
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead-free Refiow Solder Process
IPC/JEDEC J-STD-020D.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com