Electronic Components Datasheet Search
  English  ▼

X  

VT86C926 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # VT86C926
Description  AMAZON PCI ETHERNET CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT86C926 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button VT86C926 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT86C926 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
VIA TECHNOLOGIES, INC.PRELIMINARY VT86C926
17
11.2.Receive Buffer Ring
Incoming packets are placed by the NIC into the Receive Buffer Ring to await processing. As each packet
is processed, it is then removed from the ring. The NIC allocates an area of memory to use as the buffer
ring during initialization. Because ring pointers are located on the chip, the buffer management scheme
works at a high efficiency. The DMA channels can transfer data at 10 Mbyte per second. The second
DMA or the remote DMA channel removes packets from the rings after the packets have been processed.
Though the receive buffer ring allows packets to be processed in the order of arrival, it is not a FIFO buffer.
It is just a portion of memory that works effectively as a FIFO buffer
The four on-chip pointers that control the ring are the page start (PSTART) pointer, page stop (PSTOP)
pointer, current page (CURR) pointer and boundary (BNRY) pointer.
The PSTART and PSTOP pointers
determine the size of the buffer ring. The CURR pointer determines the location of the next packet to be
received and the BNRY pointer determines the location of the next packet to be removed. When packets
are received, the CURR pointer moves to the next location (in the direction of rotation) and the BNRY
follows the CURR pointer.
However, the PSTART and PSTOP remains the same throughout the
procedure.
To receive packets, buffers are linked as necessary to accomodate the incoming packets. Up to 256 buffers
can be linked together in a single ring. Each buffer is 256 bytes. That effectively yields a maximum of 64K
bytes for the entire ring. Therefore, the theoretical maximum space between PSTART and PSTOP is 64K
and all the pointers refer to 256 byte boundaries (see figure 7).
Buffer # 1
Buffer # 2
Buffer # 3
Buffer # n
Buffer Ram (up to 64 KB)
Page Start Address
Page Stop
Receive Buffer Ring
n
3
2
1
4
256 Bytes
Direction
of Rotation
Address
Direction
of Rotation
Figure 7. Receive Buffer Ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com