Electronic Components Datasheet Search
  English  ▼

X  

MSLU306 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSLU306
Description  DC/DC CONVERTER 1W, High Isolation,SMD-Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU306 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSLU306 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU306 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU306 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU306 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU306 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSLU300 SERIES
DC/DC CONVERTER 1W, High Isolation,SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/07/11 REV:12
Page 3 of 5
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
Natural
Convection
20LFM
℃
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
3 We recommend to protect the converter by a fast blow fuse in the input supply line.
4 Other input and output voltage may be available, please contact factory.
5 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
: 16.3x8.0x7.7mm (0.64x0.31x0.30 inches)
1
-Vin
-Vin
2
+Vin
+Vin
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
3
NA
NA
5
-Vout
Common
Pin Material
: Phosphor Bronze
6
NA
-Vout
7
NA
NA
Weight
: 2g
8
+Vout
+Vout
10
NA
NA
11
NA
NA
12
NA
NA
NA : Not Available for Electrical Connection
12.7 [0.50]
2.54 [0.10]
1.2 [0.05]
5.08 [0.20]
1
2
3
5
12 11 10
8
6
7
0.60 [0.02]
16.3 [0.64]
A
1.8
[0.07]
5.08
[0.2]
5.08
[0.2]
1.5 0.1
[0.06 0.004]
5.5
[0.22]
1.5 0.1
[0.06 0.004]
5.5
[0.22]
S
SEATING PLANE
0.1
S
2.54
[0.1]
( Magnification of A )
Top View
3.0
[0.12]
1.0[ 0.04]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com