Electronic Components Datasheet Search
  English  ▼

X  

FS16 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS16
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS16 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS16 Datasheet HTML 1Page - GOOD-ARK Electronics FS16 Datasheet HTML 2Page - GOOD-ARK Electronics FS16 Datasheet HTML 3Page - GOOD-ARK Electronics FS16 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS12 thru FS1CH
Surface Mount Schottky Rectifier
Reverse Voltage 20~200V Forward Current 1A
Features
• Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
20
30
40
60
100
150
200
V
VRMS
14
21
28
42
70
105
140
V
VDC
20
30
40
60
100
150
200
V
IF(AV)
A
IFSM
A
TJ
°C
TSTG
°C
IF=0.5A,TA=25℃
0.40
0.55
0.75
IF=1 A,TA=25℃
0.70
0.81
TA=25℃
200
200
150
uA
TA=125℃
10
mA
juntion to ambient
RθJA
juntion to case
RθJC
juntion to mount
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
FS12
FS13
FS14
FS16
FS1B
FS1B5H FS1CH
1.0
Maximum RMS voltage
30.0
- 55 to + 150
FS12
FS13
FS14
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Storage temperature range
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
℃/W
90
20
60
Volts
- 55 to + 175
- 55 to + 150
Maximum instantaneous
forward voltage
VF
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Unit
FS1B
FS1B5H
Operating junction temperature range
200
20
0.45
0.80
0.50
0.90
Test Conditions
Symbol
FS16
FS1CH
Maximum DC reverse current at
rated DC blocking voltage
IR
Typical thermal resistance1)
200
30
eSGA
(SOD-123FL)
www.goodark.com
1/4
2013.12-Rev.A


Similar Part No. - FS16

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FS16 FS-FS16 Datasheet
280Kb / 2P
Schottky Rectifier
logo
TRIAD MAGNETICS
FS16-070 TRIAD-FS16-070 Datasheet
47Kb / 1P
FS16-070
logo
List of Unclassifed Man...
FS16-070 ETC2-FS16-070 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS16-070-C2 TRIAD-FS16-070-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
FS16-070 TRIAD-FS16-070_13 Datasheet
83Kb / 1P
PC MOUNT:SPLIT PACK
More results

Similar Description - FS16

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com