Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BC846
Description  SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC846 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BC846 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC846 Datasheet HTML 2Page - List of Unclassifed Manufacturers BC846 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 NPN SILICON PLANAR
GENERAL PURPOSE TRANSISTORS
ISSUE 6 - JANUARY 1997
PARTMARKING DETAILS
COMPLEMENTARY TYPES
BC846A–Z1A
BC848B–1K
BC846
BC856
BC846B–1B
BC848C–Z1L
BC847
BC857
BC847A–Z1E
BC849B–2B
BC848
BC858
BC847B–1F
BC849C–2C
BC849
BC859
BC847C–1GZ
BC850B–2FZ
BC850
BC860
BC848A–1JZ
BC850C-Z2G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BC846
BC847
BC848
BC849
BC850
UNIT
Collector-Base Voltage
VCBO
80
50
30
30
50
V
Collector-Emitter Voltage
VCES
80
50
30
30
50
V
Collector-Emitter Voltage
VCEO
65
45
30
30
45
V
Emitter-Base Voltage
VEBO
65
V
Continuous Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage
Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS.
Collector Cut-Off Current ICBO
Max
15
nA
VCB= 30V
Max
5
µ
A
VCB= 30V
Tamb=150°C
Collector-Emitter
Saturation Voltage
VCE(sat) Typ
Max.
90
250
mV
mV
IC=10mA,
IB=0.5mA
Typ
Max.
200
600
mV
mV
IC=100mA,
IB=5mA
Typ
Max.
300
600
mV
mV
IC=10mA*
Base-Emitter
Saturation Voltage
VBE(sat) Typ
700
mV
IC=10mA,
IB=0.5mA
Typ
900
mV
IC=100mA,
IB=5mA
Base-Emitter Voltage
VBE
Min
Typ
Max
580
660
700
mV
mV
mV
IC=2mA
VCE=5V
Max
770
mV
IC=10mA
VCE=5V
* Collector-Emitter Saturation Voltage at IC = 10mA for the characteristics going through the
operating point IC= 11mA, VCE= 1V at constant base current.
BC846
BC847
BC848
BC849
BC850
C
B
E
SOT23


Similar Part No. - BC846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Fairchild Semiconductor
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC846 GE-BC846 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC846 KEC-BC846 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
More results

Similar Description - BC846

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
BC856 ETC-BC856 Datasheet
35Kb / 3P
SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Zetex Semiconductors
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT4400 ZETEX-FMMT4400 Datasheet
30Kb / 2P
SOT23 NPN SILICON PLANAR GENERAL PURPOSE TRANSISTORS
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
DECEMBER 1996
logo
Zetex Semiconductors
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com