Electronic Components Datasheet Search
  English  ▼

X  

SL35B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SL35B
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL35B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SL35B Datasheet HTML 1Page - GOOD-ARK Electronics SL35B Datasheet HTML 2Page - GOOD-ARK Electronics SL35B Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SL32B thru SL310B 
www.goodark.com                                  1 / 3
                                    rev.1 
 
Surface Mount Schottky Barrier Rectifier
FEATURES
•
Ideal for automated placement
•
Low forward voltage drop
•
Low leakage current
•
Meets environmental standard MIL-S-19500D
•
Moisture sensitivity:level 1, per J-STD-020
•
Solder dip 275 °C, 10 s
•
Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
MECHANICAL DATA
Case:
DO-214AA, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
Terminals:
Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity:
Laser Band Denotes Cathode Band
MAXIMUM RATINGS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL32B
SL33B
SL34B
SL35B
SL36B
SL37B
SL38B
SL39B
SL310B
UNIT
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC blocking
voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum average forward
rectified current at
TL(See Fig.1)
IF(AV)
3
A
Peak forward surge current
8.3 ms single half
sine-wave superimposed
on rated load
IFSM
80
A
Operating junction
temperature range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C
PRIMARY CHARACTERISTICS
IF(AV)
3 A
VRRM
20 V to 100 V
IFSM
80A
VF
0.42V,0.5V,0.75V
TJ max.
125 °C ,150 °C
 
DO‐214AA(SMB)


Similar Part No. - SL35B

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL35B CHENDA-SL35B Datasheet
192Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SL35B CHENDA-SL35B Datasheet
988Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
logo
Galaxy Semi-Conductor H...
SL35BF BILIN-SL35BF Datasheet
446Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - SL35B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com