Electronic Components Datasheet Search
  English  ▼

X  

SL56C Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SL56C
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL56C Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SL56C Datasheet HTML 1Page - GOOD-ARK Electronics SL56C Datasheet HTML 2Page - GOOD-ARK Electronics SL56C Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
SL52C thru SL510C 
www.goodark.com                                  2 / 3
                                    rev.1 
 
ELECTRICAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
SL52C
SL53C
SL54C
SL55C
SL56C
SL57C
SL58C
SL59C
SL510
C
UNIT
Maximum
instantaneous
forward voltage
IF=5 A
VF
0.43
0.5
0.7
V
Maximum DC
reverse current
at rated DC
blocking voltage
TA=25℃
IR
0.5
mA
TA=100℃
50
Typical junction
capacitance
4.0 V, 1 MHz
CJ
350
pF
THERMAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL52C
SL53C
SL54C
SL55C
SL56C
SL57C
SL58C
SL59C
SL510C
UNIT
Maximum thermal
resistance
RθJA (1)
60
-
90
°C/W
RθJL (2)
12
16
-
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
Notes
: (1) Thermal resistance from junction to ambient,0.276×0.276〃(7.0×7.0mm)copper pads to each terminal
(2) Thermal resistance from junction to Lead, 0.276×0.276
〃(7.0×7.0mm)copper pads to each Lead
Figure 3. Typical Instantaneous Forward Characteristics 
Figure 4. Typical Reverse Characteristics 
Figure 1. Forward Current Derating Curve 
Figure 2.Maximum Non‐repetitive Peak Forward Surge 
Current 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com