Electronic Components Datasheet Search
  English  ▼

X  

AM4N60P Datasheet(PDF) 1 Page - Analog Power

Part # AM4N60P
Description  N-Channel 600-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4N60P Datasheet(HTML) 1 Page - Analog Power

  AM4N60P Datasheet HTML 1Page - Analog Power AM4N60P Datasheet HTML 2Page - Analog Power AM4N60P Datasheet HTML 3Page - Analog Power AM4N60P Datasheet HTML 4Page - Analog Power AM4N60P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4N60P
N-Channel 600-V (D-S) MOSFET
VDS (V)
ID (A)
600
4
a
Symbol
Limit
Units
VDS
600
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
4
IDM
16
TC=25°C
IS
4
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Gate-Source Voltage
PRODUCT SUMMARY
rDS(on) (Ω)
2 @ VGS = 10V
A
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Continuous Source Current (Diode Conduction)
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Power Supplies
• Motor Drives
• Consumer Electronics
DRAIN
connected
to TAB
© Preliminary
1
Publication Order Number:
DS_AM4N60P_1A


Similar Part No. - AM4N60P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
N-Channel 600-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4N60D DOINGTER-AM4N60D Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
N-Channel 600-V (D-S) MOSFET
More results

Similar Description - AM4N60P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2N60B ANALOGPOWER-AM2N60B Datasheet
327Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM8N60P ANALOGPOWER-AM8N60P Datasheet
330Kb / 5P
N-Channel 600-V (D-S) MOSFET
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
N-Channel 600-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM16R08 VBSEMI-VBM16R08 Datasheet
755Kb / 9P
N-Channel 600 V (D-S) Power MOSFET
2SK3916-01 VBSEMI-2SK3916-01 Datasheet
1Mb / 9P
N-Channel 600-V (D-S) Power MOSFET
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
N-Channel 600 V (D-S) Power MOSFET
KF7N60P VBSEMI-KF7N60P Datasheet
1Mb / 9P
N-Channel 600 V (D-S)Power MOSFET
VBE17R06 VBSEMI-VBE17R06 Datasheet
678Kb / 8P
N-Channel 600-V (D-S) Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com