Electronic Components Datasheet Search
  English  ▼

X  

183T2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 183T2
Description  NPN SILICON TRANSISTORS DIFFUSED MESA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

183T2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  183T2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 183T2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 183T2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 183T2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COMSET SEMICONDUCTORS
3/4
BDY26, 183 T2
BDY27, 184 T2
BDY28, 185 T2
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDY26, 183T2
--
BDY27, 184T2
--
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=2.0 A, IB=0.25 A
BDY28, 185T2
--
0.6
V
BDY26, 183T2
--
BDY27, 184T2
--
VBE(SAT)
Base-Emitter Voltage (*)
IC=2.0 A, IB=0.25 A
BDY28, 185T2
--
1.2
V
A
-
55
-
B
-
65
-
VCE=4 V, IC=1 A
C
-
90
-
A
15
20
45
B
30
45
90
h21E
Static Forward Current
transfer ratio (*)
VCE=4 V, IC=2 A
C
75
82
100
-
fT
Transition Frequency
VCE=15 V, IC=0.5 A,
f=10 MHz
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
10
-
-
MHz
td + tr
Turn-on time
IC=5 A,
IB=1 A
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
-0.3
0.5
µs
ts + tf
Turn-off time
IC=5 A,
IB1=1 A,
IB2=-0.5 A
BDY26, 183T2
BDY27, 184T2
BDY28, 185T2
-1.5
2.0
µs
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com