Electronic Components Datasheet Search
  English  ▼

X  

60CF016DC13 Datasheet(PDF) 1 Page - ETRI

Part # 60CF016DC13
Description  AC High Performance Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

60CF016DC13 Datasheet(HTML) 1 Page - ETRI

  60CF016DC13 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC High Performance Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
AC Motor
Housing material: aluminium
Impeller material: aluminium
Weight: 10,25 kg to 11 kg
Bearing system: ball bearings
Additional versions:
Salt spray protected - Shock and vibration protected - Marine specifications
Wide temperature range - Other voltages (consult factory)
Part Number
Nominal
voltage
Airflow
Nominal
speed
Input
power
Noise
level
Phases Capacitor
(not included)
Connection type
60CF016DC13
220
410
61
1450
50
3
64
370
2000
X
-10
70
380
410
61
1450
50
3
64
210
1150
X
-10
70
220
480
65
1700
60
3
83
330
1800
X
-10
70
380
480
65
1700
60
3
83
190
1050
X
-10
70
220
410
61
1450
50
1
6,9
67
320
1700
X
-10
70
380
410
61
1450
50
1
2,2
67
190
980
X
-10
70
220
480
65
1700
60
1
6,9
102
470
1600
X
-10
70
380
480
65
1700
60
1
2,2
102
270
930
X
-10
70
60CH016DC13
220
780
79
2700
50
3
406
1500
6300
X
-10
70
380
780
79
2700
50
3
406
870
3600
X
-10
70
220
775
79
2700
50
1
20
400
1900
5000
X
-10
70
380
775
79
2700
50
1
6,9
400
1100
3000
X
-10
70
V
l/s
dB(A)
RPM
Hz
µF
W
mA
mA
Leads
Terminals
Min.°C
Max.°C
Available with:
- Safety switch
Frequency
Nominal
Current
Starting
Current
Operating
temperature
L-10 LIFE AT 40°C:
25 000 hours
Life expectancy
Approvals
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: l/s
Airflow: CFM
60CF
50 Hz
--- 60 Hz
60CH
50 Hz
Non recommended
zone
Non recommended
zone
60C
Series
, NATO codification
Ø 350 x 158 mm
Ø 13,78’’ x 6,22’’


Similar Part No. - 60CF016DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
60CF016DC13 ETRI-60CF016DC13 Datasheet
74Kb / 1P
AC High Performance Fans
More results

Similar Description - 60CF016DC13

ManufacturerPart #DatasheetDescription
logo
ETRI
60CF016DC13 ETRI-60CF016DC13 Datasheet
74Kb / 1P
AC High Performance Fans
60CV216DC13 ETRI-60CV216DC13 Datasheet
165Kb / 1P
AC High Performance Fans
61GR116DC13 ETRI-61GR116DC13 Datasheet
185Kb / 1P
AC High Performance Fans
61GS016DC13 ETRI-61GS016DC13 Datasheet
176Kb / 1P
AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
AC High Performance Fans
97CJ116DC13 ETRI-97CJ116DC13 Datasheet
166Kb / 1P
AC High Performance Fans
80CE0161C13 ETRI-80CE0161C13_12 Datasheet
172Kb / 1P
AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
AC High Performance Fans
61GR116DC13A ETRI-61GR116DC13A Datasheet
187Kb / 1P
AC High Performance Fans
60AF026DC13 ETRI-60AF026DC13_12 Datasheet
175Kb / 1P
AC High Performance Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com