Electronic Components Datasheet Search
  English  ▼

X  

USFB14 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # USFB14
Description  SCHOTTKY BARRIER TYPE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

USFB14 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  USFB14 Datasheet HTML 1Page - KEC(Korea Electronics) USFB14 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 4. 3
2/2
USFB14
Revision No : 0
0
100
200
300
500
600
400
1
0.001
0.01
0.1
I
- V
FF
F
INSTANTANEOUS FORWARD VOLTAGE V (mV)
C
- V
TR
R
REVERSE VOLTAGE V (V)
NUMBER OF CYCLES
1
0
10
20
10
SURGE FORWARD CURRENT
(NON - REPETITIVE)
100
Ta=25 C
Ta=25 C
f=1MHz
110
30
10
100
1000
20
8.3ms
8.3ms
1cyc.
Ta=125
Ta=25
Ta=-25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com