Electronic Components Datasheet Search
  English  ▼

X  

BLX14 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLX14
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLX14 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLX14 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 25 mA
85
V
BVCER
IC = 25 mA
RBE = 5.0
Ω
85
V
BVCEO
IC = 50 mA
36
V
BVEBO
IE = 10 mA
4.0
V
hFE
VCE = 6.0 V
IC = 1.4 A
15
100
---
fT
VCE = 20 V
IC = 3.0 A
250
MHz
CC
VCB = 30 V
f = 1.0 MHz
115
125
pF
GP
d3
VCE = 28 V
ICQ =2.0 A
POUT = 15 W(PEP)
f = 1.6 MHz
13
-40
dB
dB
NPN SILICON RF POWER TRANSISTOR
BLX14
DESCRIPTION:
The
ASI BLX14 is Designed for HF
and VHF band applications.
FEATURES:
• P
G = 13 dB min. at 15 W/1.6 MHz
• d
3 = -40 dB typ. at 15 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
4.0 A
VCBO
85 V
VEBO
4.0 V
VCEO
36 V
PDISS
88 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
1.99 °C/W
PACKAGE STYLE .500 4L STUD (A)
MINIMUM
inches / mm
.495 / 12.57
.545 / 13.84
.003 / 0.08
B
C
D
E
F
G
A
MAXIMUM
.555 / 14.10
.007 / 0.18
.830 / 21.08
.505 / 12.83
inches / mm
1.050 / 26.67
H
.497 / 12.62
.530 / 13.46
DIM
.220 / 5.59
.230 / 5.84
.198 / 5.03
.185 / 4.70
F
G
H
E
E
E
B
C
.112 x 45°
1/4-28 UNF-2A
D
Ø .630 NOM
A
C
B


Similar Part No. - BLX14

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
BLX10 SOLITRON-BLX10 Datasheet
353Kb / 2P
PRO-ELECTRON POWER TRANSISTORS
BLX11 SOLITRON-BLX11 Datasheet
353Kb / 2P
PRO-ELECTRON POWER TRANSISTORS
BLX12 SOLITRON-BLX12 Datasheet
353Kb / 2P
PRO-ELECTRON POWER TRANSISTORS
logo
Advanced Semiconductor
BLX13C ASI-BLX13C Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLX13C NJSEMI-BLX13C Datasheet
50Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - BLX14

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com