Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4316 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4316
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4316 Datasheet(HTML) 4 Page - Texas Instruments

  CD54HC4316 Datasheet HTML 1Page - Texas Instruments CD54HC4316 Datasheet HTML 2Page - Texas Instruments CD54HC4316 Datasheet HTML 3Page - Texas Instruments CD54HC4316 Datasheet HTML 4Page - Texas Instruments CD54HC4316 Datasheet HTML 5Page - Texas Instruments CD54HC4316 Datasheet HTML 6Page - Texas Instruments CD54HC4316 Datasheet HTML 7Page - Texas Instruments CD54HC4316 Datasheet HTML 8Page - Texas Instruments CD54HC4316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
VIS (V)
VEE (V) VCC (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
“ON” Resistance
IO = 1mA
(Figures 4, 5)
RON
VIH or
VIL
VCC or
VEE
0
4.5
-
45
180
-
225
-
270
Ω
0
6
-
35
160
-
200
-
240
Ω
-4.5
4.5
-
30
135
-
170
-
205
Ω
VCC to
VEE
0
4.5
-
85
320
-
400
-
480
Ω
0
6
-
55
240
-
300
-
360
Ω
-4.5
4.5
-
35
170
-
215
-
255
Ω
Maximum “ON”
Resistance Between
Any Two Channels
∆RON
-
-
0
4.5
-
10
-----
Ω
0
6
-
8.5
-----
Ω
-4.5
4.5
-
5
-----
Ω
Switch Off Leakage
Current
IIZ
VIH or
VIL
VCC -
VEE
06
-
-
±0.1
-
±1-
±1
µA
-5
5
-
-
±0.1
-
±1-
±1
µA
Control Input Leakage
Current
IIL
VCC or
GND
-0
6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
IO = 0
ICC
VCC or
GND
When
VIS = VEE,
VOS=VCC
When
VIS =VCC,
VOS =VEE
0
6
-
-
8
-
80
-
160
µA
-5
5
-
-
16
-
160
-
320
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
-
4.5 to
5.5
2-
-2-2-
V
Low Level Input
Voltage
VIL
-
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
“ON” Resistance
IO = 1mA
(Figures 4, 5)
RON
VIH or
VIL
VCC or
VEE
0
4.5
-
45
180
-
225
-
270
Ω
-4.5
4.5
-
30
135
-
170
-
205
Ω
VCC to
VEE
0
4.5
-
85
320
-
400
-
480
Ω
-4.5
4.5
-
35
170
-
215
-
255
Ω
Maximum “ON”
Resistance Between
Any Two Channels
∆RON
-
-
0
4.5
-
10
-----
Ω
-4.5
4.5
-
5
-----
Ω
Switch Off Leakage
Current
IIZ
VIH or
VIL
VCC -
VEE
06
-
-
±0.1
-
±1-
±1
µA
-5
5
-
-
±0.1
-
±1-
±1
µA
CD54HC4316, CD74HC4316, CD74HCT4316
CD54HC4316, CD74HC4316, CD74HCT4316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com