Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4066 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4066
Description  High-Speed CMOS Logic Quad Bilateral Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4066 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC4066 Datasheet HTML 3Page - Texas Instruments CD74HC4066 Datasheet HTML 4Page - Texas Instruments CD74HC4066 Datasheet HTML 5Page - Texas Instruments CD74HC4066 Datasheet HTML 6Page - Texas Instruments CD74HC4066 Datasheet HTML 7Page - Texas Instruments CD74HC4066 Datasheet HTML 8Page - Texas Instruments CD74HC4066 Datasheet HTML 9Page - Texas Instruments CD74HC4066 Datasheet HTML 10Page - Texas Instruments CD74HC4066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Analog Test Circuits
FIGURE 4. CROSSTALK BETWEEN TWO SWITCHES TEST CIRCUIT
FIGURE 5. FREQUENCY RESPONSE TEST CIRCUIT
FIGURE 6. TOTAL HARMONIC DISTORTION TEST CIRCUIT
FIGURE 7. CONTROL-TO-SWITCH FEEDTHROUGH NOISE
TEST CIRCUIT
FIGURE 8. SWITCH OFF SIGNAL FEEDTHROUGH
VCC
VIS
0.1
µF
RC
VCC/2
VOS1
SWITCH
ON
VCC
VCC/2
R
RC
VCC/2
VOS2
SWITCH
OFF
dB
METER
VIS
fIS = 1MHz SINEWAVE
R = 50
Ω
C = 10pF
R
VCC
VIS
0.1
µF
50
Ω
10pF
VCC/2
VOS
SWITCH
ON
dB
METER
VCC
VIS
10
µF
10k
Ω
50pF
VCC/2
VOS
SWITCH
ON
DISTORTION
METER
VI = VIH
fIS = 1kHz TO 10kHz
VIS
SINE
WAVE
SWITCH
ALTERNATING
ON AND OFF
tr, tf ≤ 6ns
fCONT = 1MHz
50% DUTY
CYCLE
SCOPE
VP-P
VOS
E
VOS
50pF
600
Ω
VCC/2
600
Ω
VCC/2
VCC
VCC
VIS
0.1
µF
RC
VCC/2
VOS
SWITCH
OFF
dB
METER
R
VCC/2
VC = VIL
fIS ≥ 1MHz SINEWAVE
R = 50
Ω
C = 10pF
Test Circuits and Waveforms
FIGURE 9. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 10. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC4066, CD74HC4066, CD74HCT4066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com