Electronic Components Datasheet Search
  English  ▼

X  

LM02A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LM02A
Description  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LM02A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LM02A Datasheet HTML 1Page - GOOD-ARK Electronics LM02A Datasheet HTML 2Page - GOOD-ARK Electronics LM02A Datasheet HTML 3Page - GOOD-ARK Electronics LM02A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM02A thru LM10A
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.2A
Features
• Glass passivated standard bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
Io(AV)
1)
A
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=0.6 A,
TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
RθJA
RθJC
Notes:
1. On glass epoxy PCB, mounted on 13*13mm solder pads
15
Thermal Characteristics
Parameter
Symbol
LM02A
LM04A
LM06A
LM08A
LM10A
Unit
Typical thermal resistance
1)
50
℃/W
15
LM06A
LM08A
LM10A
Unit
1
Maximum DC reverse
current at rated DC
blocking voltage
IR
5
µA
100
Rating for fusing(t<8.3ms)
6.5
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
LM02A
LM04A
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated
load
40
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LM02A
LM04A
LM06A
LM08A
LM10A
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
1.2
LPMB
www.goodark.com
1/4
2016.09-Rev.B


Similar Part No. - LM02A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
List of Unclassifed Man...
LM020L ETC-LM020L Datasheet
1Mb / 37P
16 character x 1 line
LM020LXMBL ETC-LM020LXMBL Datasheet
1Mb / 37P
16 character x 1 line
LM022 ETC2-LM022 Datasheet
128Kb / 1P
SIZE 1 ARINC 404 RF CONNECTOR FOR ECS CABLE 310801
logo
Shanghai Leiditech Elec...
LM0240 LEIDITECH-LM0240 Datasheet
1Mb / 6P
N-Channel Super Trench Power MOSFET
More results

Similar Description - LM02A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM202 GOOD-ARK-LM202 Datasheet
378Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMD02 GOOD-ARK-LMD02 Datasheet
388Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02A GOOD-ARK-LMR02A Datasheet
390Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02C GOOD-ARK-LMR02C Datasheet
389Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB151SL GOOD-ARK-LB151SL Datasheet
1Mb / 5P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB1610S GOOD-ARK-LB1610S Datasheet
512Kb / 5P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com