Electronic Components Datasheet Search
  English  ▼

X  

CM6801 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM6801
Description  LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6801 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM6801 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CM6800/1
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
2004/02/11 Rev. 1.6
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
IEAO
PFC transconductance current error amplifier output
0
4.25
V
2
IAC
PFC gain control reference input
0
1
mA
3
ISENSE
Current sense input to the PFC current limit comparator
-5
0.7
V
4
VRMS
Input for PFC RMS line voltage compensation
0
6
V
5
SS
Connection point for the PWM soft start capacitor
0
8
V
6
VDC
PWM voltage feedback input
0
8
V
7
RAMP 1
(RTCT)
Oscillator timing node; timing set by RT CT
1.2
3.9
V
8
RAMP 2
(PWM RAMP)
When in current mode, this pin functions as the current sense
input; when in voltage mode, it is the PWM input from PFC
output (feed forward ramp).
0
6
V
9
DC ILIMIT
PWM current limit comparator input
0
1
V
10
GND
Ground
11
PWM OUT
PWM driver output
0
VCC
V
12
PFC OUT
PFC driver output
0
VCC
V
13
VCC
Positive supply
10
15
18
V
14
VREF
Buffered output for the internal 7.5V reference
7.5
V
15
VFB
PFC transconductance voltage error amplifier input
0
2.5
3
V
16
VEAO
PFC transconductance voltage error amplifier output
0
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com