Electronic Components Datasheet Search
  English  ▼

X  

CM8562 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM8562
Description  2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8562 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM8562 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8562 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CM8562
2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
2004/06/01
Preliminary Rev. 1.2
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Pin No.
Operating Rating
5-Lead
8-Pin
Symbol
Description
Min.
Typ.
Max.
Unit
1
1
VIN
Input Power
1
2.5/1.8
6
V
2
VFB
Feedback node for the VOUT
6
V
2
3,4
VOUT
Output Voltage
6
V
4
5
REFEN
Reference Voltage Input and Chip Enable
VCCA-1.9
V
5
6
VCCA
Voltage supply for internal circuits
6
V
3
7
AGND
Analog Ground
8
PGND
Power Ground
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM8562IS
-40℃ to 85℃
8-Pin SOP (S08)
CM8562IN252
-40℃ to 85℃
5-Lead TO-252 (N252)
CM8562GIS*
-40℃ to 85℃
8-Pin SOP (S08)
CM8562GIN252*
-40℃ to 85℃
5-Lead TO-252 (N252)
*Note: G : Suffix for Pb Free Product
BLOCK DIAGRAM
Current Limit
Thermal
VCCA
GND
VIN
Protection
Control
REFEN
VOUT
5-Pin Block Diagram
REFEN
Control
Current Limit
Protection
VCCA
VFB
PGND
Thermal
VIN
VOUT
8-Pin Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com