Electronic Components Datasheet Search
  English  ▼

X  

CM3843CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM3843CS
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3843CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM3843CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM3843CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CM3842/3843
CURRENT MODE PWM CONTROLLER
2001/06/27
Advanced
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM3842/43 are fixed frequency current-mode PWM
controllers specially designed for OFF-Line switching
power supply and DC-to-DC converters with a minimum
number of external components. These devices feature
a trimmed oscillator for precise duty cycle control, a
temperature compensated reference, high gain error
amplifier, current sensing comparator, and high current
totem
pole
output
which
is
suitable
for
driving
MOSFETs.
The under voltage lock-out (U.V.L.O.) is designed to
operated with 200
µA typ. start-up current, allowing an
efficient bootstrap supply voltage design. The U.V.L.O.
thresholds for the CM3842 are 16V (on) and 10V (off)
which
are
ideal
for
off-line
applications.
The
corresponding typical threshold for the CM3843 are
8.4V (on) and 7.6V (off). The CM3842/43 can operated
within 100% duty cycle.
!
Low Start-Up current ( typ. 200
µA)
!
Optimized for Off-Line and DC-to-DC Converters
!
Maximum Duty Cycle
!
U.V.L.O. with Hysteresis
!
Operating Frequency Up to 500KHz
!
Internal Trimmed Bandgap Reference
!
High Current Totem Pole Output
!
Error Amplifier With Low Output Resistance
!
Available in 8-Pin Plastic DIP and Surface Mount
8-Pin S.O.I.C.
APPLICATIONS
PIN CONFIGURATION
!
Off-line flyback or forward converters.
!
DC-to-DC buck or boost converter.
!
Monitor Power Supply
8-Pin PDIP
(Top View)
AVAILABLE OPTIONS
Device
Start-UP
Voltage
Hysteresis Max. Duty Cycle
CM3842
16V
6V
< 100%
CM3843
8.4V
0.8V
< 100%
8-Pin S.O.I.C.
(Top View)
COMP
VFB
ISENSE
VREF
GND
OUTPUT
VCC
RT/CT
COMP
VFB
ISENSE
VREF
GND
OUTPUT
VCC
RT/CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com