Electronic Components Datasheet Search
  English  ▼

X  

CS5509 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5509
Description  SINGLE SUPPLY 16BIT A/D CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5509 Datasheet HTML 14Page - Cirrus Logic CS5509 Datasheet HTML 15Page - Cirrus Logic CS5509 Datasheet HTML 16Page - Cirrus Logic CS5509 Datasheet HTML 17Page - Cirrus Logic CS5509 Datasheet HTML 18Page - Cirrus Logic CS5509 Datasheet HTML 19Page - Cirrus Logic CS5509 Datasheet HTML 20Page - Cirrus Logic CS5509 Datasheet HTML 21Page - Cirrus Logic CS5509 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
CS5509
18
DS125F2
Figure 9b. System Connection Diagram Using Split Supplies
CS5509
+5V
Analog
Supply
VD+
VA+
VREF+
VREF-
GND
0.1 µF
0.1 µF
8
7
9
10
11
12
13
+
-
Analog
Signal
AIN+
AIN-
SCLK
SDATA
14
15
XIN
XOUT
16
DRDY
CAL
3
1
CS
CONV
2
6
BP/UP
4
5
32.768 kHz
Voltage
Reference
Optional
Clock
Source
Serial
Data
Interface
Control
Logic
+3.3V to +5V
Digital
Supply
Note: VD+ must never be more positive than VA+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com