Electronic Components Datasheet Search
  English  ▼

X  

CS5525 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 11Page - Cirrus Logic CS5525 Datasheet HTML 12Page - Cirrus Logic CS5525 Datasheet HTML 13Page - Cirrus Logic CS5525 Datasheet HTML 14Page - Cirrus Logic CS5525 Datasheet HTML 15Page - Cirrus Logic CS5525 Datasheet HTML 16Page - Cirrus Logic CS5525 Datasheet HTML 17Page - Cirrus Logic CS5525 Datasheet HTML 18Page - Cirrus Logic CS5525 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
CS5525 CS5526
DS202F3
15
differential output voltage from the amplifier ex-
ceeds 2.8 V, the amplifier may saturate, which will
cause a measurement error.
The input voltage into the modulator must not
cause the modulator to exceed a low of 20 percent
or a high of 80 percent 1's density. The nominal full
scale input span of the modulator (from 30 percent
to 70 percent 1’s density) is determined by the
VREF voltage divided by the Gain Factor. See Ta-
ble 3 to determine if the CS5525/26 are being used
properly. For example, in the 55 mV range to de-
termine the nominal input voltage to the modulator,
divide VREF (2.5 V) by the Gain Factor (2.2727).
When a smaller voltage reference is used, the re-
sulting code widths are smaller causing the con-
verter output codes to exhibit more changing codes
for a fixed amount of noise. Table 3 is based upon
a VREF = 2.5 V. For other values of VREF, the val-
ues in Table 3 must be scaled accordingly.
Figure’s 8 and 9 illustrate the input models for the
AIN and VREF pins. The dynamic input current for
each of the pins can be determined from the models
shown and is dependent upon the setting of the CFS
(Chop Frequency Select) bit. The effective input
impedance for the AIN+ and AIN- pins remains
constant for the three low level measurement rang-
es (25 mV, 55 mV, and 100 mV). The input current
is lowest with the CFS bit cleared to logic 0.
Note: Residual noise appears in the converter’s baseband for
output word rates greater than 60 Hz if CFS is logic 0. By set-
ting CFS to logic 1, the amplifier’s chop frequency chops at
32768 Hz eliminating the residual noise, but increasing the
current. Note that C=48pF is for input current modeling only.
For physical input capacitance see ‘Input Capacitance’ spec-
ification under ‘Analog Characteristics’ on page 3.
Note:
1. The converter's actual input range, the delta-sigma's nominal full scale input, and the delta-sigma's
maximum full scale input all scale directly with the value of the voltage reference. The values in the
table assume a 2.5 V VREF voltage.
Input Range(1)
Max. Differential Output
20X Amplifier
VREF
Gain Factor
∆-Σ Nominal(1)
Differential Input
∆-Σ(1)
Max. Input
± 25 mV
2.8 V (2)
2.5V
5
± 0.5 V
± 0.75 V
± 55 mV
2.8 V (2)
2.5V
2.272727...
± 1.1 V
± 1.65 V
± 100 mV
2.8 V (2)
2.5V
1.25
± 2.0 V
± 3.0 V
± 1.0 V
-
2.5V
2.5
± 1.0 V
± 1.5 V
± 2.5 V
-
2.5V
1.0
± 2.5 V
± 5.0 V
± 5.0 V
-
2.5V
0.5
± 5.0 V
0V, VA+
Table 3. Relationship between Full Scale Input, Gain Factors, and Internal Analog Signal Limitations
AIN
25m V, 55m V , and 100m V R anges
V
≤ 25mV
i = fV
C
os
os
n
C = 48pF
C F S = 0 , f = 256 H z
C F S = 1 , f = 32.7 68 kH z
AIN +
1V, 2.5 V, and 5V R an ges
C = 3 2pF
i = [(V
) - (V
)] fC
n
AIN +
AIN -
AIN -
f = 32.76 8 kH z
Figure 8. Input models for AIN+ and AIN- pins
VR E F +
C = 16 pF
VREF-
i
= [(V R E F + ) - (V R EF -)] fC
n
f = 3 2.7 68 k H z
Figure 9. Input model for VREF+ and VREF- pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com