Electronic Components Datasheet Search
  English  ▼

X  

CS5525-AP Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5525-AP
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-AP Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5525-AP Datasheet HTML 21Page - Cirrus Logic CS5525-AP Datasheet HTML 22Page - Cirrus Logic CS5525-AP Datasheet HTML 23Page - Cirrus Logic CS5525-AP Datasheet HTML 24Page - Cirrus Logic CS5525-AP Datasheet HTML 25Page - Cirrus Logic CS5525-AP Datasheet HTML 26Page - Cirrus Logic CS5525-AP Datasheet HTML 27Page - Cirrus Logic CS5525-AP Datasheet HTML 28Page - Cirrus Logic CS5525-AP Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
CS5525 CS5526
DS202F3
27
Notes: 1. Positional tolerance of leads shall be within 0 .25mm (0. 010in.) at maximum material condition, in
relation to seating plane and each other.
2. Dimension eA to center of leads when formed parallel.
3. Dimension E does not include mold flash.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.155
0.180
3.94
4.57
A1
0.020
0.040
0.51
1.02
b
0.015
0.022
0.38
0.56
b1
0.050
0.065
1.27
1.65
c
0.008
0.015
0.20
0.38
D
0.960
1.040
24.38
26.42
E
0.240
0.260
6.10
6.60
e
0.095
0.105
2.41
2.67
eA
0.300
0.325
7.62
8.25
L
0.125
0.150
3.18
3.81
∝
0°
15°
0°
15°
20 PIN PLASTIC (PDIP) PACKAGE DRAWING
E
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com