Electronic Components Datasheet Search
  English  ▼

X  

JCS Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCS
Description  SMD Aluminum Electrolytic Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCS Datasheet(HTML) 2 Page - jb Capacitors Company

  JCS_15 Datasheet HTML 1Page - jb Capacitors Company JCS_15 Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
0.1~68µF
0.70
1.00
1.17
1.36
1.50
Φ
4~Φ10
100~3300µF
0.85
1.00
1.08
1.20
1.30
~68µF
0.75
1.00
1.35
1.57
2.00
100~680µF
0.8
1.00
1.23
1.34
1.50
Coefficient
Φ
12.5~Φ16
1000~10000µF
0.85
1.00
1.10
1.13
1.15
STANDARD SIZE
4
6.3
10
16
25
WV
Cap.(μF)
0G
0J
1A
1C
1E
4.7
4R7
--
--
--
--
--
--
--
--
--
--
10
100
--
--
--
--
--
--
4×5.4
25
5x5.4
(4x5.4)
28
(20)
15
150
--
--
--
--
--
--
4×5.4
28
5×5.4
34
22
220
--
--
4×5.4
31
5×5.4
(4×5.4)
35
(28)
5×5.4
(4×5.4)
39
(28)
6.3×5.4
(5×5.4)
52
(35)
33
330
4×5.4
26
5×5.4
(4×5.4)
39
(31)
5×5.4
(4×5.4)
43
(32)
6.3×5.4
(5×5.4)
57
(40)
6.3×5.4
(5×5.4)
63
(42)
47
470
4×5.4
34
5×5.4
(4×5.4)
47
(36)
6.3×5.4
(5×5.4)
59
(43)
6.3×5.4
(5×5.4)
68
(44)
6.3×5.4
68
56
560
4×5.4
39
5×5.4
46
6.3×5.4
57
6.3×5.4
74
6.3×5.4
82
68
680
5×5.4
45
6.3×5.4
(5×5.4)
62
(52)
6.3×5.4
72
6.3×5.4
80
6.3×5.4
94
100
101
5×5.4
61
6.3×5.4
(5×5.4)
71
(55)
5x5.4
6.3×5.4
55
76
6.3×5.4
(8x6.2)
86
(200)
6.3×7.7
(8x6.2)
130
(91)
150
151
6.3×5.4
74
6.3×5.4
78
6.3×5.4
88
6.3×7.7
135
8×10.5
(6.3 x 7.7)
200
(130)
220
221
6.3×5.4
82
6.3×5.8
95
6.3x5.8
6.3×7.7
(8x6.2)
95
150
(250)
8×10.5
6.3×7.7
(8x6.2)
215
(150)
(135)
8×10.5
250
330
331
6.3×7.7
150
6.3×7.7
(8×6.2)
150
(300)
8×10.5
280
8×10.5
280
10×10.5
(8×10.5)
340
(310)
470
471
6.3×7.7
150
8×10.5
(6.3×7.7)
300
(150)
10x10.5
(8×10.5)
320
(300)
10×10.5
(8×10.5)
420
(330)
10×10.5
400
680
681
8×10.5
300
8×10.5
300
10×10.5
380
10×10.5
450
10x13.5
550
1000
102
8×10.5
330
10×10.5
(8×10.5)
430
(330)
10×10.5
450
12.5x13.5
(10x13.5)
(10×10.5)
710
(550)
(490)
12.5x13.5
820
1500
152
10×10.5
450
10×13.5
(10×10.5)
650
(450)
10x13.5
650
12.5x13.5
750
12.5x16
1000
2200
222
10x13.5
(10×10.5)
620
(480)
12.5x13.5
(10x13.5)
890
(720)
12.5x13.5
960
16x16.5
(12.5x16)
1150
(1000)
16x16.5
16x21.5
1250
1450
3300
332
10x13.5
700
12.5x16
(12.5x13.5)
1000
(900)
16x16.5
(12.5x16)
1300
(1050)
16x16.5
16x21.5
1350
1450
16x21.5
1650
4700
472
12.5x13.5
850
16x16.5
16x21.5
1400
1650
16x16.5
16x21.5
1450
1550
16x21.5
1650
6800
682
16x16.5
(12.5x16)
1350
(900)
16x21.5
1750
16x21.5
1850
10000
103
16x21.5
1750
16x21.5
1800
Case Size
Ripple Current
35
50
63
100
WV
Cap.(μF)
1V
1H
1J
2A
0.1
0R1
--
--
4×5.4
1.0
4×5.4
1.0
--
--
0.22
R22
--
--
4×5.4
2.3
4×5.4
2.3
--
--
0.33
R33
--
--
4×5.4
3.5
4×5.4
3.5
--
--
0.47
R47
--
--
4×5.4
5.0
4×5.4
5.0
--
--
1
010
--
--
4×5.4
10
4×5.4
10
4×5.4
10
1.5
1R5
--
--
4×5.4
12
4×5.4
12
6.3×5.4
15
2.2
2R2
--
--
4×5.4
15
4×5.4
15
6.3×5.4
20
3.3
3R3
--
--
4×5.4
18
5×5.4
20
6.3×7.7
(6.3×5.4)
(8x6.2)
45
(28)
(50)
4.7
4R7
--
--
5×5.4
(4×5.4)
23
(19)
6.3×5.4
(5×5.4)
30
(23)
6.3×7.7
(6.3×5.4)
(8x 6.2)
50
(30)
(50)
10
100
5×5.4
(4×5.4)
30
(20)
6.3×5.4
(5×5.4)
34
(27)
6.3×7.7
(6.3×5.4)
55
(34)
8×10.5
(6.3×7.7)
(8x 6.2)
110
(50)
(50)
22
220
6.3×5.4
54
6.3×5.4
(8x6.2)
60
(120)
8×10.5
(6.3×7.7)
(8x6.2)
140
(70)
(35)
10×10.5
(8×10.5)
180
(120)
33
330
6.3×5.4
(8x6.2)
60
(130)
6.3×7.7
(8x6.2)
85
(65)
8×10.5
(6.3×7.7)
160
(85)
10×10.5
190
47
470
6.3×5.4
(8x6.2)
70
(165)
10×10.5
(8×10.5)
(6.3×7.7)
130
(110)
(90)
10×10.5
(8×10.5)
230
(170)
--
--
56
560
6.3×7.7
80
6.3×7.7
110
10×10.5
250
--
--
68
680
6.3×7.7
110
8×10.5
170
10×10.5
260
--
--
100
101
8×10.5
(6.3×7.7)
175
(120)
10×10.5
(8×10.5)
240
(200)
12.5x13.5
(10x13.5)
(10x10.5)
380
(290)
(280)
12.5x13.5
440
150
151
8×10.5
220
10×10.5
240
10 x 13.5
310
--
--
220
221
10×10.5
(8×10.5)
310
(270)
10×13.5
(10×10.5)
400
(320)
12.5x13.5
(10x13.5)
580
(330)
16x16.5
16x21.5
700
850
330
331
10×10.5
350
12.5x13.5
(10x13.5)
600
(420)
16x16.5
(12.5x16)
820
(720)
16x21.5
900
470
471
12.5x13.5
(10x13.5)
(10×10.5)
600
(530)
(400)
16x16.5
(12.5x16)
850
(740)
16x16.5
950
680
681
12.5x13.5
(10x13.5)
750
(560)
16x16.5
950
16x21.5
1000
1000
102
16x16.5
(12.5x16)
1100
(800)
16x21.5
1300
2200
222
16x21.5
1550
Case
size
Allowable
ripple
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com