Electronic Components Datasheet Search
  English  ▼

X  

CY2280PVC-1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2280PVC-1
Description  100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2280PVC-1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2280PVC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2280PVC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
100-MHz Pentium® II Clock Synthesizer/Driver with
Spread Spectrum for Mobile or Desktop PCs
CY2280
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07207 Rev. *A
Revised December 08, 2002
0
Features
• Mixed 2.5V and 3.3V operation
• Clock solution for Pentium® II, and other similar pro-
cessor-based motherboards
— Four 2.5V CPU clocks up to 100 MHz
— Eight 3.3V sync. PCI clocks, one free-running
— Two 3.3V 48-MHz USB clocks
— Three 3.3V Ref. clocks at 14.318 MHz
— Two 2.5V APIC clocks at 14.318 MHz or PCI/2
• EMI control
— Spread spectrum clocking
— Factory-EPROM programmable spread spectrum
margin
— Factory-EPROM programmable output drive and
slew rate
• Factory-EPROM programmable CPU clock frequencies
for custom configurations
• Available in space-saving 48-pin SSOP package
Functional Description
The CY2280 is a Spread Spectrum clock synthesizer/driver for
a Pentium II, or other similar processor-based PC requiring
100-MHz support. All of the required system clocks are provid-
ed in a space-saving 48-pin SSOP package. The CY2280 can
be used with the CY231x for a total solution for systems with
SDRAM.
The CY2280 provides the option of spread spectrum clocking
on the CPU and PCI clocks for reduced EMI. A downspread
percentage is introduced when the SEL_SS input is asserted.
The device can be run without spread spectrum when the
SEL_SS input is deasserted. The percentage of spreading is
EPROM-programmable to optimize EMI-reduction.
The CY2280 has power-down, CPU stop, and PCI stop pins
for power management control. The signals are synchronized
on-chip, and ensure glitch-free transitions on the outputs.
When the CPU_STOP input is asserted, the CPU clock out-
puts are driven LOW. When the PCI_STOP input is asserted,
the PCI clock outputs (except the free-running PCI clock) are
driven LOW. When the PWR_DWN pin is asserted, the refer-
ence oscillator and PLLs are shut down, and all outputs are
driven LOW.
CY2280 Selector Guide
CY2280 Configuration Options
Clock Outputs
–1
–11S
–21S
CPU (66.6, 100 MHz)
4
4
4
PCI (CPU/2, CPU/3)
8
8
8
USB (48 MHz)
2
2
2
APIC (14.318 MHz)
2
2
—
APIC (PCI/2)
——
2
Reference (14.318 MHz)
3
3
3
CPU-PCI delay
1.5
−4.0 ns
1.5
−4.0 ns
1.5
−4.0 ns
CPU-APIC delay
——
2.0–4.5 ns
Spread Spectrum (Downspread)
N/A
−0.6%
−0.6%
Pentium is a registered trademark of Intel Corporation.
Logic Block Diagram
EPROM
XTALOUT
XTALIN
APIC [0:1]
14.318
MHz
OSC.
SEL0
VDDAPIC
CPU
PLL
SEL100
Delay
REF [0-2]
CPUCLK [0-3]
VDDCPU
PCI [1-7]
PCICLK_F
STOP
STOP
LOGIC
LOGIC
SEL1
USBCLK [0:1]
SYS PLL
CPU_STOP
PWR_DWN
Divider
PCI_STOP
VDDPCI
VDDPCI
VDDREF
VDDUSB
-1
-2
SEL_SS


Similar Part No. - CY2280PVC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2280PVC-1 SPECTRALINEAR-CY2280PVC-1 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
CY2280PVC-11S SPECTRALINEAR-CY2280PVC-11S Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
More results

Similar Description - CY2280PVC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
CY2285 CYPRESS-CY2285 Datasheet
123Kb / 9P
100-MHz Pentium짰II Clock Synthesizer/Driver with Spread Spectrum for Mobile PCs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Silicon Laboratories
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com