| Electronic Components Datasheet Search |
|
D5000M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D5000M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 4 page ![]() with string functions common to most high-level languages such as BASIC. For computers that support standard ports such as RS-232, no special machine language software drivers are necessary for operation. The modules can also be connected to auto-answer modems for long-distance operation without the need for a remote supervisory computer. The ASCII format makes system debugging easy with a dumb terminal. Because the Modbus protocol does not support echoing D5000M RS-232 modules may not be daisy-chained. This limits you to one four-channel module per RS-232 port. RS-485 was developed for multidropped systems that can communicate at high data rates over long distances. RS- 485 receivers can handle common mode voltages from -7 to +12V without loss of data, making them ideal for trans- mission over great distances. Since an RS-485 system cannot transmit and receive at the same time it is a half- duplex system. For systems requiring many modules, high speed or long distances RS-485 is recommended. COMMAND SET The D5000M series uses the Modbus RTU or the DGH ASCII protocol for communication. The Modbus RTU binary protocol uses a master-slave technique, in which only the master device can initiate transactions. The slave devices respond by supplying the requested data to the master or by taking the ac- tion requested in the query. The master can address any slave device. The returned messages are consid- ered response messages. The supported master codes are: Modbus RTU Functions and Descriptions 04 Read Input Register (Analog Inputs) 06 Preset Single Register (DGH/RTU Protocol) The DGH ASCII protocol is a command and response protocol using ASCII characters for easy troubleshooting and interpretation of data values. D5000M Series ASCII Command Set. Command and Definition Typical Typical Command Response Message Message ($ prompt) MBD Modbus Disable $1MBD * RD Read Data $1RD *+00072.00 RMA Read Module Address $1RMA *0102 RS Read Setup $1RS *31070142 RZ Read Zero $1RZ *+00000.00 WE Write Enable $1WE * Write Protected Commands. CZ Clear Zero $1CZ * RR Remote Reset $1RR * SU Setup Module $1SU31070142 * TS Trim Span $1TS+00600.00 * TZ Trim Zero $1TZ+00000.00 * MBR Write Slave Address $MBR01 * General Description (Continued) The key to the DGH product concept is that the modules are easy to use. You do not need engineering experience in complicated data acquisition hardware. With the DGH modules, anyone familiar with a personal computer can construct a data acquisition system. This modular approach to data acquisition is very flexible, easy to use and cost effective. The modules can be mixed and matched to fit your application. They can be placed remote from the host and from each other. The D5000M series is completely hardware and software- compatible with the DGH D1000, D2000, D3000 and D4000 series and may be mixed in any combination. All modules are supplied with removeable screw-terminal connectors and captive mounting hardware. The connec- tors allow system expansion, reconfiguration or repair without disturbing field wiring. THEORY OF OPERATION D5000M modules are complete four-channel data acquisition systems. Each unit contains analog signal conditioning circuits optimized for a specific input type. The amplified sensor signals are converted to digital data with a microprocessor-controlled integrating A/D converter. Offset and gain errors in the analog circuitry are continu- ously monitored and corrected using microprocessor techniques. The D5000M converts the digital signal data into engineering units using look-up tables. The resultant data is stored in ASCII format in a memory buffer. The modules continuously convert data at the rate of 8 conversions per second and store the latest result in the buffer. Host processors may request data by sending a query to the module. The D5000M will instantly respond by communicating the memory buffer data back to the host processor. Up to 247 modules may be linked to a single RS-485 port or one module to a RS-232C port. Each module on a serial line is identified by a unique user-programmable address. This addressing tech- nique allows modules to be interrogated in any order. DIGITAL FILTER The D5000M options include a unique programmable single pole digital filter. The filter is used to smooth analog data in noisy environments. Separate time constants may be specified for small and large signal changes. Typically a large time constant is specified for small signal changes to filter out noise and provide stable output readings. A smaller time constant may be chosen for large signal changes to provide fast response to such changes. COMMUNICATIONS The D5000M are designed to be easy to interface to all popular computers and terminals. All communications to and from the module are performed with printable ASCII characters. This allows the information to be processed |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |