Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM317
Description  1.5 A Adjustable Output, Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Datasheet(HTML) 4 Page - ON Semiconductor

  LM317 Datasheet HTML 1Page - ON Semiconductor LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LM317, NCV317
www.onsemi.com
4
Figure 4. Load Regulation and
DIAdj/Load Test Circuit
Figure 5. Standard Test Circuit
Figure 6. Ripple Rejection Test Circuit
VO
LM317
VO (min Load) - VO (max Load)
*Pulse testing required.
* 1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) - VO (max Load)
Load Regulation (% VO) =
x 100
VO (min Load)
VO (max Load)
Cin
0.1
mF
Adjust
R2
1%
CO
1.0
mF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
VI
Vin
IAdj
IL
* Pulse testing required.
* 1% Duty Cycle is suggested.
Vin
Vout
Adjust
R1
240
1%
+
1.0
mF
CO
RL
Cin
R2
1%
To Calculate R2: Vout = ISET R2 + 1.250 V
To Calculate R2: Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
mF
Vin
Vout
Vout = 10 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1*
1N4002
CO
+
1.0
mF
24 V
14 V
R2
1.65 k
1%
CAdj
10
mF
+
*D1 Discharges CAdj if output is shorted to Ground.
f = 120 Hz
LM317
LM317
VO (min Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com