Electronic Components Datasheet Search
  English  ▼

X  

MBR0520 Datasheet(PDF) 13 Page - ON Semiconductor

Part # MBR0520
Description  Low Voltage Buck Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0520 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MBR0520 Datasheet HTML 9Page - ON Semiconductor MBR0520 Datasheet HTML 10Page - ON Semiconductor MBR0520 Datasheet HTML 11Page - ON Semiconductor MBR0520 Datasheet HTML 12Page - ON Semiconductor MBR0520 Datasheet HTML 13Page - ON Semiconductor MBR0520 Datasheet HTML 14Page - ON Semiconductor MBR0520 Datasheet HTML 15Page - ON Semiconductor MBR0520 Datasheet HTML 16Page - ON Semiconductor MBR0520 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
13
turns P1 on and current is routed to the internal bias circuitry
from the BIAS pin.
Here is an example of the power savings:
The input voltage range for Vin is 4.5 V to 40 V. The input
voltage range for BIAS is 3.3 V to 6 V. The quiescent current
specification is 3 mA (min), 4 mA (typ), and 6.25 mA (max).
Using a typical battery voltage of 14 V and the typical
quiescent current number of 4 mA, the power would be:
P + V
I + 14
4e−3 + 56 mW
We’ll assume the BIAS pin is connected to an external
regulator at 5 V instead of the output voltage. The BIAS pin
would normally be connected to the output voltage, but
adding an added switching regulator efficiency number here
would cloud this example. Now the internal BIAS circuitry
is being powered via 5 V. The resulting on chip power being
dissipated is:
P + V
I + 5
4e−3 + 21 mW
The power savings is 35 mW.
Now, to demonstrate more notable savings using the
maximum battery input voltage of 40 V, the maximum
quiescent current of 6.25 mA, and the lowest allowed BIAS
voltage for proper operation of 3.3 V;
Powered from Vin:
P + 40
6.25e−3 + 250 mW
Powered from the BIAS pin:
P + 3.3
6.25e−3 + 21 mW
The power savings is 229 mW.
Minimum Load Requirement
As pointed out in the previous section, a minimum load is
required for this regulator due to the predriver current
feeding the output. Placing a resistor equal to VO divided by
12 mA should prevent any voltage overshoot at light load
conditions. Alternatively, the feedback resistors can be
valued properly to consume 12 mA current.
COMPONENT SELECTION
Input Capacitor
In a buck converter, the input capacitor witnesses pulsed
current with an amplitude equal to the load current. This
pulsed current and the ESR of the input capacitors determine
the VIN ripple voltage, which is shown in Figure 19. For VIN
ripple, low ESR is a critical requirement for the input
capacitor selection. The pulsed input current possesses a
significant AC component, which is absorbed by the input
capacitors.
The RMS current of the input capacitor can be calculated
using:
IRMS + IO D(1 * D)
where:
D = switching duty cycle which is equal to VO/VIN.
IO = load current.
Figure 19. Input Voltage Ripple in a Buck Converter
To calculate the RMS current, multiply the load current
with the constant given by Figure 20 at each duty cycle. It is
a common practice to select the input capacitor with an RMS
current rating more than half the maximum load current. If
multiple capacitors are paralleled, the RMS current for each
capacitor should be the total current divided by the number
of capacitors.
Figure 20. Input Capacitor RMS Current can be
Calculated by Multiplying Y Value with Maximum Load
Current at any Duty Cycle
0
0.2
0.4
1.0
DUTY CYCLE
0
0.1
0.3
0.4
0.5
0.6
0.2
0.6
0.8
Selecting the capacitor type is determined by each
design’s constraint and emphasis. The aluminum
electrolytic capacitors are widely available at lowest cost.
Their ESR and Equivalent Series Inductor (ESL) are
relatively high. Multiple capacitors are usually paralleled to
achieve lower ESR. In addition, electrolytic capacitors
usually need to be paralleled with a ceramic capacitor for
filtering high frequency noises. The OS−CON are solid
aluminum electrolytic capacitors, and therefore has a much
lower ESR. Recently, the price of the OS−CON capacitors
has dropped significantly so that it is now feasible to use
them for some low cost designs. Electrolytic capacitors are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com