Electronic Components Datasheet Search
  English  ▼

X  

DF100LA Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF100LA
Description  DIODE(THREE PHASES BRIDGE TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF100LA Datasheet(HTML) 1 Page - SanRex Corporation

  DF100LA Datasheet HTML 1Page - SanRex Corporation DF100LA Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DF100LA/LB80/160
DIODE(THREE PHASES BRIDGE TYPE)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DF100LA/LB80
800
960
unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
DF100LA/LB160
1600
1700
V
V
Symbol
Item
Output Current (D.C.)
Conditions
Ratings
unit
A
ID
Three phase full wave, Tc
=90℃
100
IFSM
Surge Forward Current
1
/2cycle, 50/60Hz, Peak value, non-repetitive
1186/1300
A
Tj
Operating Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting
torque
A.C. 1minute
2500
V
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5
-2.5(15-25)
Recommended Value 1.5
-2.5(15-25)
2.7
(28)
2.7
(28)
N
・m
(㎏f・B)
g
Typical Value
100
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
Tj
=150℃,VR=VRRM
Ratings
12
1.30
0.23
unit
mA
VFM
Forward Voltage Drop, max.
IF
=100A, Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
Power Diode Module DF100LA/LB is designed for three
phase full wave rectification, which has six diodes
connected in a three phase bridge configuration. The
mounting base of the module is electrically isolated from
semiconductor elements for simple heatsink construction
output DC current is 100Amp (Tc=90
℃) Repetitive peak
reverse voltage is up to 1600V.
●
TjMAX=
=150
℃
●
Isolated Mounting Base
(Applications)
AC. DC Motor Drive/AVR/Switching
−for three phase rectification
Unit
:㎜
30±0.
1
68±0.
2
20.
0±0.
1
20.
0±0.
1 20.
0±0.
1
80±0.
5
5-12.
0±0.
1
5.
6
1
2
3
5
4
5-10.
0±0.
1
5-M5
depth12mm
30±0.
1
68±0.
2
20.
0±0.
1
20.
0±0.
1 20.
0±0.
1
80±0.
5
5-12.
0±0.
1
5.
6
1
2
3
5
4
5-10.
0±0.
1
5-M5
depth12mm
2∼
1∼
3∼
+4
−5
LA
LB
SanRex
®


Similar Part No. - DF100LA

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF100LA160 SANREX-DF100LA160 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF100LA

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF20AA120 SANREX-DF20AA120 Datasheet
266Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120 SANREX-DF100AA120 Datasheet
268Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50AA120 SANREX-DF50AA120 Datasheet
236Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF75BA40 SANREX-DF75BA40 Datasheet
113Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75LA80 SANREX-DF75LA80 Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com