Electronic Components Datasheet Search
  English  ▼

X  

DS2770AE Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2770AE
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2770AE Datasheet HTML 10Page - Dallas Semiconductor DS2770AE Datasheet HTML 11Page - Dallas Semiconductor DS2770AE Datasheet HTML 12Page - Dallas Semiconductor DS2770AE Datasheet HTML 13Page - Dallas Semiconductor DS2770AE Datasheet HTML 14Page - Dallas Semiconductor DS2770AE Datasheet HTML 15Page - Dallas Semiconductor DS2770AE Datasheet HTML 16Page - Dallas Semiconductor DS2770AE Datasheet HTML 17Page - Dallas Semiconductor DS2770AE Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
DS2770
14 of 27
STATUS REGISTER FORMAT Figure 12
Address 01
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CSTAT1 CSTAT0 PMOD RNAOP
X
X
CINI
CTYPE
CSTAT1, CSTAT0
— Charge Status. The CSTAT1 and CSTAT0 bits indicate the status of charge per
the table below:
CSTAT1
CSTAT0
STATUS
0
0
No charge source present
0
1
Charge in progress
1
0
Charge source is present
1
1
Charge sequence completed
The charge sequence complete state (1, 1) is present until cleared by a write to the Status Register.
PMOD
— Sleep Mode Enable. A value of 1 in this bit enables the DS2770 to enter Sleep Mode when the
DQ line goes low for greater than two seconds and leaves Sleep Mode when the DQ line goes high. A
value of 0 disables DQ-related transitions into and out of Sleep Mode. The desired default value should
be set in bit 5 of address location 31h. The factory default of the PMOD bit is 0.
RNAOP
— Read Net Address Opcode. A value of 0 in this bit sets the opcode for the Read Net Address
command to 33h, while a 1 sets the opcode to 39h. The desired default value should be set in bit 4 of
address location 31h. The factory default of the RNAOP bit is 0.
CINI
— Charge Initiation Select. The CINI bit is used to determine the method of charge initiation that
will be allowed. A value of 0 indicates that charge may be started only upon use of the Start Charge [B5h]
command. A value of 1 indicates that charge may be started by either the Start Charge command, or by
the application of a charge source at the charge supply input pin, VCH. The desired default value should
be set in bit 1 of address location 31h. The factory default of the CINI bit is 0.
CTYPE
— Charge Type. The charge type bit indicates the Charge Mode that will be used during
charging. A 1 selects NiMH charger operation and a 0 selects rechargeable lithium charger operation. The
desired default value should be set in bit 0 of address location 31h. It is suggested that the EEPROM
block containing the Status Register initiation (location 31h) be locked once the CTYPE and other Status
Register bits are configured to avoid any possible unintended alterations during use. The factory default
of the CTYPE bit is 0.
X
— Reserved Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com