Electronic Components Datasheet Search
  English  ▼

X  

BZX79C10RL Datasheet(PDF) 21 Page - Motorola, Inc

Part # BZX79C10RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C10RL Datasheet(HTML) 21 Page - Motorola, Inc

Back Button BZX79C10RL Datasheet HTML 17Page - Motorola, Inc BZX79C10RL Datasheet HTML 18Page - Motorola, Inc BZX79C10RL Datasheet HTML 19Page - Motorola, Inc BZX79C10RL Datasheet HTML 20Page - Motorola, Inc BZX79C10RL Datasheet HTML 21Page - Motorola, Inc BZX79C10RL Datasheet HTML 22Page - Motorola, Inc BZX79C10RL Datasheet HTML 23Page - Motorola, Inc BZX79C10RL Datasheet HTML 24Page - Motorola, Inc BZX79C10RL Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-117
500 mW DO-35 Glass Data Sheet
Figure 10. Typical Forward Characteristics
VF, FORWARD VOLTAGE (VOLTS)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1000
500
200
100
50
20
10
5
2
1
MAXIMUM
150
°C
75
°C
0
°C
25
°C
Figure 6. Effect of Zener Current
on Zener Impedance
Figure 7. Effect of Zener Voltage
on Zener Impedance
Figure 9. Typical Capacitance versus VZ
Figure 8. Typical Leakage Current
1000
500
200
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ, ZENER CURRENT (mA)
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
100
VZ, ZENER CURRENT (mA)
35
7
10
20
30
50
70
10000
7000
5000
2000
1000
700
500
200
100
70
50
20
10
7
5
2
1
0.7
0.5
0.2
0.1
0.07
0.05
0.02
0.01
0.007
0.005
0.002
0.001
3
456
78
9
10
11
12
13
14
15
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
+25
°C
+125
°C
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
6.2 V
27 V
VZ = 2.7 V
47 V
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
20 mA
5 mA
IZ = 1 mA
0 V BIAS
1 V BIAS
400
300
200
100
50
20
10
8
4
1
2
5
10
20
50
100
VZ, NOMINAL VZ (VOLTS)
50% OF BREAKDOWN BIAS
MINIMUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com