Electronic Components Datasheet Search
  English  ▼

X  

1SS123 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS123
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS123 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS123 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Case: SOD-23, Molded Plastic
Peak Reverse Voltage
VRM
DC Reverse Voltage
VR
Peak Reverse Voltage
IFM
Average Rectified Current
IO
DC Forward Current
IF
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 to+ 150
Junction to Ambient*
R
1.0
/mW
Junction to Ambient
R
0.67
/mW
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 1.0 mA
600
715
IF = 10 mA
750
855
IF = 50 mA
855
1100
IF = 100 mA
900
1300
Reverse current
IR
VR =70V
1.0
A
Capacitance
Ct
VR =0,f=1.0 MHz
2.5
4.0
pF
Reverse recovery time
trr
IF = 100 mA,VR =1V,RL = 100
9.0
ns
Forward recovery voltage
Vfr
IF = 100 mA
1.75
V
mV
VF
Continuous reverse voltage
Low capacitance: Ct =4.0 pF MAX
High speed switching: trr =9.0 ns MAX.
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Features
200
mA
70
V
100
mA
100
mA
70
V
Parameter
Symbol
Rating
Unit
@ TA = 25°C unless otherwise specified
Electrical Characteristics
1SS123
SILICON EPITAXIAL PLANAR DIODE
@ TA = 25°C unless otherwise specified
Maximum Ratings
1 of 1
www.sunmate.tw
Double diode configuration assures
economical use.
Wide applications including switching,
limitter,clipper.
!
Mechanical Data


Similar Part No. - 1SS123

ManufacturerPart #DatasheetDescription
logo
NEC
1SS123 NEC-1SS123 Datasheet
206Kb / 4P
SILICON SWITCHING DIODE
logo
Guangdong Kexin Industr...
1SS123 KEXIN-1SS123 Datasheet
40Kb / 1P
SILICON SWITCHING DIODE
logo
Renesas Technology Corp
1SS123 RENESAS-1SS123 Datasheet
368Kb / 6P
SILICON SWITCHING DIODE
1985
More results

Similar Description - 1SS123

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com