Electronic Components Datasheet Search
  English  ▼

X  

FMMT2907 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT2907
Description  SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT2907 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT2907 Datasheet HTML 1Page - Zetex Semiconductors FMMT2907 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
SWITCHING TRANSISTOR
ISSUE 3 – FEBRUARY 1996
7
FEATURES
* Fast switching
COMPLIMENTARY TYPES - FMMT2907 –
FMMT2222
- FMMT2907A –
FMMT2222A
PARTMARKING DETAIL -
FMMT2907 –
2BZ
FMMT2907A – 2F
FMMT2907R – 4P
FMMT2907AR – 5P
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMT2907 FMMT2907A
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-40
-60
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-600
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL FMMT2907
FMMT2907A UNIT CONDITIONS.
MIN. MAX. MIN. MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-40
-60
V
IC=-10µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-60
-60
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
V
IE=-10µA, IC=0
Collector-Emitter
Cut-Off Current
ICEX
-50
-50
nA
VCE=-30V, VBE=-0.5V
Collector Cut-Off
Current
ICBO
-20
-20
-10
-10
nA
µ
A
VCB=-50V, IE=0
VCB=-50V, IE=0, Tamb=150°C
Base Cut-Off Current IB
-50
-50
nA
VCE=-30V, VBE=-0.5V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.4
-1.6
-0.4
-1.6
V
V
IC=-150mA, IB=-15mA*
IC=-500mA, IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.3
-2.6
-1.3
-2.6
V
V
IC=-150mA, IB=-15mA*
IC=-500mA, IB=-50mA*
Static Forward
Current Transfer
Ratio
hFE
35
50
75
100
30
300
75
100
100
100
50
300
IC=-0.1mA, VCE=-10V
IC=-1mA, VCE=-10V
IC=-10mA, VCE=-10V
IC=-150mA, VCE=-10V*
IC=-500mA, VCE=-10V*
Transition
Frequency
fT
200
200
MHz IC=-50mA, VCE=-20V
f=100MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT2907
FMMT2907A
SWITCHING CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL FMMT2907
FMMT2907A
UNIT CONDITIONS.
TYP.
MAX. TYP.
MAX.
Output Capacitance
Cobo
88
pF
VCB=-10V, IE=0,
f=100KHz
Input Capacitance
Cibo
30
30
pF
VBE=-2V, IC=0
f=100KHz
Turn On Time
ton
26
50
26
50
ns
VCE=-30V
IC=-150mA, IB1=-15mA
(See Turn On Circuit)
Turn Off Time
toff
70
110
70
110
ns
VCE=-6V, IC=-150mA
IB1= IB2=-15mA
(See Turn Off Circuit)
Pulse width
<200ns
-16V
-30V
1KΩ
50Ω
200Ω
Scope:
Rise Time < 5 ns
TURN ON TIME – TEST CIRCUIT
0
Scope:
Rise Time < 5 ns
Pulse width
<200ns
1KΩ
1KΩ
37Ω
-6V
15V
50Ω
-30V
TURN OFF TIME – TEST CIRCUIT
0
FMMT2907
FMMT2907A
C
B
E
SOT23
PAGE NUMBER
PAGE NUMBER


Similar Part No. - FMMT2907

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT2222 DIODES-FMMT2222 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FEBRUARY 1996
FMMT2222 DIODES-FMMT2222 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FEBRUARY 1996
logo
List of Unclassifed Man...
FMMT2222-1BZ ETC-FMMT2222-1BZ Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - FMMT2907

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
FMMT4123 ETC-FMMT4123 Datasheet
27Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Zetex Semiconductors
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS82B ZETEX-BSS82B Datasheet
30Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
FMMT4123 ZETEX-FMMT4123 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
FMMT4124 ZETEX-FMMT4124 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMTA64 DIODES-FMMTA64 Datasheet
43Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTOR
MARCH 2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com