Electronic Components Datasheet Search
  English  ▼

X  

BAV74 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAV74
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAV74 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAV74 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAV74 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marking: JA
DUAL SURFACE MOUNT SWITCHING DIODE
BAV74
For high-speed switching appilication.
Common cathode.
Parameter
Symbol
Limits
Unit
Diode reverse voltage
VR
50
V
Peak Reverse Voltage
VRM
50
V
Forward Current
IF
200
mA
Surge forward current, t=1μs
IFS
4.5
A
Total Power Dissipation
Ts=35℃
Ptot
250
mW
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-65-+150
℃
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR= 100μA
50
V
Reverse voltage leakage current
IR
VR=50V
VR=50V TA=150℃
0.1
100
μA
Forward voltage
VF
IF=100mA
1
V
Diode capacitance
CD
VR=0V
f=1MHz
2.0
pF
Reverse recovery time
t rr
IF=IR=10mA
IR=1mA RL=100Ω
4
nS
Features
Mechanical Data
Case:SOT23
Weight: 0.008 grams (approximate)
Maximum Ratings @ TA = 25°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
1 of 2
www.sunmate.tw
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified


Similar Part No. - BAV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74 Datasheet
57Kb / 12P
High-speed double diode
1999 May 11
logo
Zowie Technology Corpor...
BAV74 ZOWIE-BAV74 Datasheet
44Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
logo
Fairchild Semiconductor
BAV74 FAIRCHILD-BAV74 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
More results

Similar Description - BAV74

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com