Electronic Components Datasheet Search
  English  ▼

X  

SSF2816EBK Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF2816EBK
Description  20V Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2816EBK Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF2816EBK Datasheet HTML 1Page - GOOD-ARK Electronics SSF2816EBK Datasheet HTML 2Page - GOOD-ARK Electronics SSF2816EBK Datasheet HTML 3Page - GOOD-ARK Electronics SSF2816EBK Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.0
SSF2816EBK
20V Dual N-Channel MOSFET
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
VGS=±4.5V,VDS=0V
±200
nA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±10
uA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.6
0.75
1.2
V
VGS=4.5V, ID=6.5A
16.5
22
mΩ
VGS=4V, ID=6A
17
23
mΩ
VGS=3.1V, ID=5.5A
19
26
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=5.5A
22
30
mΩ
Forward Transconductance
gFS
VDS=10V,ID=6.5A
6.6
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
600
PF
Output Capacitance
Coss
330
PF
Reverse Transfer Capacitance
Crss
VDS=8V,VGS=0V,
F=1.0MHz
140
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
10
20
nS
Turn-on Rise Time
tr
11
25
nS
Turn-Off Delay Time
td(off)
35
70
nS
Turn-Off Fall Time
tf
VDD=10V,ID=1A
VGS=4.5V,RGEN=6Ω
30
60
nS
Total Gate Charge
Qg
10
15
nC
Gate-Source Charge
Qgs
2.3
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=7A,
VGS=4.5V
3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1.5A
0.84
1.2
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com