Electronic Components Datasheet Search
  English  ▼

X  

SD103AW Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # SD103AW
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

SD103AW Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  SD103AW Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. SD103AW Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop.
Guard Ring Construction For Transient
Protection.
Negligible Reverse Recovery Time.
Low Reverse Capacitance.
SD103AW :S4
SD103BW:S5
SD103CW:S6
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
SD103AW
SD103BW
SD103CW
Non-Repetitive Peak reverse voltage
V
40
30
20
V
Peak Repetitive Peak reverse voltage
V
V
Working Peak Reverse Voltage
V
V
DC Blocking
V
28
21
14
V
Forward Continuous Current
IF
350
mA
Repetitive Peak Forward Current @t≤1.0s
IFRM
1.5
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to Ambient
RθjA
300
/W
Storage temperature
Tstg
-65-125
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
SD103AW
V(BR)R
40
V
IR=10μA
SD103BW
V(BR)R
30
V
IR =10μA
SD103CW
V(BR)R
20
V
IR =10μA
Forward voltage
VF
0.37
0.60
V
V
IF=20mA
IF=200mA
Reverse current
SD103AW
IRM
5.0
μA
VR=30V
SD103BW
IRM
5.0
μA
VR=20V
SD103CW
IRM
5.0
μA
VR=10V
Capacitance between terminals
CT
50
pF
VR=0,f=1MHz
Reverse Recovery Time
trr
10
ns
IR=IF=200mA
Irr=0.1*IR,RL=100Ω
SOD-123
-
+
MARKING:
R
RWM
RRM
RM
SD103AW/BW/CW
Unit


Similar Part No. - SD103AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
SD103AW WTE-SD103AW Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD103AW DIODES-SD103AW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
General Semiconductor
SD103AW GE-SD103AW Datasheet
130Kb / 3P
Schottky Diodes
logo
Weitron Technology
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - SD103AW

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5819WS SHENZHENSLS-B5819WS Datasheet
297Kb / 1P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com