Electronic Components Datasheet Search
  English  ▼

X  

LL914B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # LL914B
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL914B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  LL914B Datasheet HTML 1Page - SUNMATE electronic Co., LTD LL914B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Characteristics (Tj = 25_C unless otherwise specified)
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9096
Scattering Limit
Tj =25°C
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF – Forward Voltage ( V )
2.0
94 9097
Scattering Limit
Tj =25°C
Figure 2. Forward Current vs. Forward Voltage
110
1
10
100
1000
VR – Reverse Voltage ( V )
100
94 9098
Scattering Limit
Tj =25°C
Figure 3. Reverse Current vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR – Reverse Voltage ( V )
100
94 9099
2.5
f = 1 MHz
Tj =25°C
Figure 4. Diode Capacitance vs. Reverse Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com