Electronic Components Datasheet Search
  English  ▼

X  

MCL-SS352 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MCL-SS352
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MCL-SS352 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MCL-SS352 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MCL-SS352 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Small package
• Low forward voltage
• Fast reverse recovery time
• Small total capacitance
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum Peak Forward Current
IFM
200
mA
Surge Current (10ms)
IFSM
1
A
Average Forward Current
Io
100
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
125
OC
Storage Temperature Range
Ts
-55 … +125
OC
Characteristics at Tj = 25
OC
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
IF = 1mA
VF
-
0.62
-
V
IF = 10mA
VF
-
0.75
-
V
Forward Voltage
IF = 100mA
VF
-
0.98
1.2
V
VR = 30V
IR
-
-
0.1
μA
Reverse Current
VR =80V
IR
-
-
0.5
μA
Total Capacitance
VR = 0, f = 1MHZ
CT
-
0.5
3
pF
Reverse Recovery
Time
IF = 10mA
trr
-
1.6
4
ns
MCL-SS352
SILICON EPITAXIAL PLANAR DIODE
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
1 of 2
www.sunmate.tw
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


Similar Part No. - MCL-SS352

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MCL-SS352 SEMTECH_ELEC-MCL-SS352 Datasheet
259Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - MCL-SS352

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com