Electronic Components Datasheet Search
  English  ▼

X  

SD101AWS Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SD101AWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SD101AWS Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SD101AWS Datasheet HTML 1Page - SUNMATE electronic Co., LTD SD101AWS Datasheet HTML 2Page - SUNMATE electronic Co., LTD SD101AWS Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
SD101AWS
SD101BWS
SD101CWS
V(BR)R
60
50
40
¾
V
IR = 10
mA
IR = 10
mA
IR = 10
mA
Forward Voltage Drop (Note 2)
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
VFM
¾
0.41
0.40
0.39
1.00
0.95
0.90
V
IF = 1.0mA
IF = 1.0mA
IF = 1.0mA
IF = 15mA
IF = 15mA
IF = 15mA
Peak Reverse Current (Note 2)
SD101AWS
SD101BWS
SD101CWS
IRM
¾
200
nA
VR = 50V
VR = 40V
VR = 30V
Total Capacitance
SD101AWS
SD101BWS
SD101CWS
CT
¾
2.0
2.1
2.2
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR,RL = 100
W
2. Short duration test pulse used to minimize self-heating effect.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Part mounted on FR-4 PC board with recommended pad layou
www.sunmate.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com