Electronic Components Datasheet Search
  English  ▼

X  

HT46R64 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R64 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R64 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
8
September 21, 2004
The lower byte of the PC (PCL) is a readable and
writeable register (06H). Moving data into the PCL per-
forms a short jump. The destination is within 256 loca-
tions.
When a control transfer takes place, an additional
dummy cycle is required.
Program Memory
- EPROM
The program memory (EPROM) is used to store the pro-
gram instructions which are to be executed. It also con-
tains data, table, and interrupt entries, and is organized
into 4096
´15 bits which are addressed by the PC and
table pointer.
Certain locations in the ROM are reserved for special
usage:
· Location 000H
Location 000H is reserved for program initialization.
After chip reset, the program always begins execution
at this location.
· Location 004H
Location 004H is reserved for the external interrupt
service program. If the INT0 input pin is activated, and
the interrupt is enabled, and the stack is not full, the
program begins execution at location 004H.
· Location 008H
Location 008H is reserved for the external interrupt
service program also. If the INT1 input pin is activated,
and the interrupt is enabled, and the stack is not full,
the program begins execution at location 008H.
· Location 00CH
Location 00CH is reserved for the Timer/Event Coun-
ter 0 interrupt service program. If a timer interrupt re-
sults from a Timer/Event Counter 0 overflow, and if the
interrupt is enabled and the stack is not full, the pro-
gram begins execution at location 00CH.
· Location 010H
Location 010H is reserved for the Timer/Event Coun-
ter 1 interrupt service program. If a timer interrupt re-
sults from a Timer/Event Counter 1 overflow, and if the
interrupt is enabled and the stack is not full, the pro-
gram begins execution at location 010H.
· Location 014H
Location 014H is reserved for the Time Base interrupt
service program. If a Time Base interrupt occurs, and
the interrupt is enabled, and the stack is not full, the
program begins execution at location 014H.
· Location 018H
Location 018H is reserved for the real time clock inter-
rupt service program. If a real time clock interrupt oc-
curs, and the interrupt is enabled, and the stack is not
full, the program begins execution at location 018H.
· Location 01CH
Location 01CH is reserved for the A/D converter inter-
rupt service program. If an A/D converter interrupt re-
sults from an end of A/D conversion and the stack is
not full, the program begins execution at location
01CH.
· Table location
Any location in the ROM can be used as a look-up ta-
ble. The instructions
²TABRDC [m]² (the current page,
1 page=256 words) and
²TABRDL [m]² (the last page)
transfer the contents of the lower-order byte to the
specified data memory, and the contents of the
higher-order byte to TBLH (Table Higher-order byte
register) (08H). Only the destination of the lower-order
byte in the table is well-defined; the other bits of the ta-
ble word are all transferred to the lower portion of
TBLH. The TBLH is read only, and the table pointer
(TBLP) is a read/write register (07H), indicating the ta-
ble location. Before accessing the table, the location
should be placed in TBLP. All the table related instruc-
tions require 2 cycles to complete the operation.
0 0 0 H
0 0 4 H
0 0 8 H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
E x t e r n a l i n t e r r u p t 0 s u b r o u t i n e
T i m e r / e v e n t c o u n t e r 0 i n t e r r u p t s u b r o u t i n e
P r o g r a m
M e m o r y
1 5 b i t s
0 1 4 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
F F F H
N o t e : n r a n g e s f r o m 0 t o F
0 1 8 H
E x t e r n a l i n t e r r u p t 1 s u b r o u t i n e
0 0 C H
T i m e B a s e I n t e r r u p t
R T C I n t e r r u p t
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
T i m e r / e v e n t c o u n t e r 1 i n t e r r u p t s u b r o u t i n e
0 1 0 H
0 1 C H
A / D C o n v e r t e r I n t e r r u p t
n F F H
Program Memory
Instruction(s)
Table Location
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*11~*0: Table location bits
P11~P8: Current program counter bits
@7~@0: Table pointer bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com