Electronic Components Datasheet Search
  English  ▼

X  

HT82V733 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82V733
Description  240mA Audio Power Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V733 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82V733 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Functional Description
OUTP Rising Time (tR)
When CE active low, the HT82V733 need rising time to output fully on OUTP pin. However, the rising time depends on
C1. (*see the application circuits)
Capacitor
tR
Voltage
0.1
mF1mF
4.7
mF10mF
2.2V
15ms
30ms
90ms
185ms
3V
15ms
30ms
90ms
185ms
4V
15ms
30ms
90ms
185ms
For battery based applications, power consumption is a key issue, therefore the amplifier should be turned off when in
the standby state. In order to eliminate any speaker sound bursts while turning the amplifier on, the application circuit,
which will incorporate a capacitance value of C1, should be adjusted in accordance with the speaker s audio frequency
response. A greater value of C1 will improve the noise burst while turning on the amplifier. The recommended opera-
tion sequence is:
Turn On: audio1 signal standby (1/2 VDD)
® enable amplifier ® wait tR for amplifier ready ® audio1 output
Turn Off: audio1 signal finished
® disable amplifier ® wait tR for amplifier off ® audio1 signal off
If the application is not powered by batteries and there is no problem with amplifier On/Off issue, a capacitor value of
0.1uF for C1 is recommended.
Application Circuits
HT82V733
Rev. 1.10
3
January 6, 2003
1
2
3
4
5
6
7
8
H T 8 2 V 7 3 3
V D D
4 7 m .
0 . 1 m .
1 m .
C E
S p e a k e r
O U T N
V D D
V R E .
A u d i o I n
C 1
C 2
C 3
A u d i o I n
R
t R
C E
O U T P
t R
t R
A u d i o 1
E N
O U T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com