Electronic Components Datasheet Search
  English  ▼

X  

CFM-120 Datasheet(PDF) 3 Page - CUI INC

Part # CFM-120
Description  DC AXIAL FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-120 Datasheet(HTML) 3 Page - CUI INC

  CFM-120 Datasheet HTML 1Page - CUI INC CFM-120 Datasheet HTML 2Page - CUI INC CFM-120 Datasheet HTML 3Page - CUI INC CFM-120 Datasheet HTML 4Page - CUI INC CFM-120 Datasheet HTML 5Page - CUI INC CFM-120 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
date 08/15/2016
│ page 3 of 6
CUI Inc
│ SERIES: CFM-120 │ DESCRIPTION: DC AXIAL FAN
0.50
0.40
0.30
0.20
0.10
0.00
0.00
0.74
1.49
2.23
2.98
3.72
(CMM)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
0.00
50.00100.00
150.00 (CFM)
0.98
0.00
0.00
0.
.
10.
.
.
.
0.
.
100.
.
.
.
CFM-A225
CFM-A238
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
PERFORMANCE CURVES
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com